Electronic Components Datasheet Search
  English  ▼

X  

CD4066 Datasheet(PDF) 2 Page - SYC Electronica

Part # CD4066
Description  Quad Bilateral Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4066 Datasheet(HTML) 2 Page - SYC Electronica

  CD4066 Datasheet HTML 1Page - SYC Electronica CD4066 Datasheet HTML 2Page - SYC Electronica CD4066 Datasheet HTML 3Page - SYC Electronica CD4066 Datasheet HTML 4Page - SYC Electronica CD4066 Datasheet HTML 5Page - SYC Electronica CD4066 Datasheet HTML 6Page - SYC Electronica CD4066 Datasheet HTML 7Page - SYC Electronica CD4066 Datasheet HTML 8Page - SYC Electronica CD4066 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings
(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to V
CC+0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
300
°C
Supply Voltage (VDD)
3V to 15V
Input Voltage (VIN)
0V to VDD
Operating Temperature Range (TA)
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V
0.25
0.01
0.25
7.5
µA
VDD = 10V
0.5
0.01
0.5
15
VDD = 15V
1.0
0.01
1.0
30
SIGNAL INPUTS AND OUTPUTS
RON
“ON” Resistance
RL = 10 kΩ to (VDD − VSS/2)
VC = VDD, VSS to VDD
VDD = 5V
800
270
1050
1300
Ω
VDD = 10V
310
120
400
550
VDD = 15V
200
80
240
320
∆R
ON
∆“ON” Resistance Between
RL = 10 kΩ to (VDD − VSS/2)
Any 2 of 4 Switches
VCC = V DD, VIS = VSS to VDD
VDD = 10V
10
Ω
VDD = 15V
5
IIS
Input or Output Leakage
VC = 0
±50
±0.1
±50
±500
nA
Switch “OFF”
CONTROL INPUTS
VILC
LOW Level Input
VIS = V SS and VDD
Voltage
VOS = V DD and VSS
IIS = ± 10µA
VDD = 5V
1.5
2.25
1.5
1.5
V
VDD = 10V
3.0
4.5
3.0
3.0
VDD = 15V
4.0
6.75
4.0
4.0
VIHC
HIGH Level Input
VDD = 5V
3.5
3.5
2.75
3.5
V
Voltage
VDD = 10V (Note 7)
7.0
7.0
5.5
7.0
VDD = 15V
11.0
11.0
8.25
11.0
IIN
Input Current
VDD−VSS = 15V
−0.1
−10−5
−0.1
−0.1
µA
VDD≥VIS≥V SS
0.1
10−5
0.1
0.1
VDD≥VC≥V SS
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com