Electronic Components Datasheet Search
  English  ▼

X  

CD4066 Datasheet(PDF) 4 Page - SYC Electronica

Part # CD4066
Description  Quad Bilateral Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4066 Datasheet(HTML) 4 Page - SYC Electronica

  CD4066 Datasheet HTML 1Page - SYC Electronica CD4066 Datasheet HTML 2Page - SYC Electronica CD4066 Datasheet HTML 3Page - SYC Electronica CD4066 Datasheet HTML 4Page - SYC Electronica CD4066 Datasheet HTML 5Page - SYC Electronica CD4066 Datasheet HTML 6Page - SYC Electronica CD4066 Datasheet HTML 7Page - SYC Electronica CD4066 Datasheet HTML 8Page - SYC Electronica CD4066 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Typical Performance Characteristics
“ON” Resistance vs Signal
Voltage for TA = 25°C
“ON” Resistance as a Function
of Temperature for
VDD−VSS = 15V
“ON” Resistance as a Function
of Temperature for
VDD−VSS = 10V
“ON” Resistance as a Function
of Temperature for
VDD−VSS = 5V
Special Considerations
In applications where separate power sources are used to
drive VDD and the signal input, the VDD current capability
should exceed VDD/RL (RL = effective external load of the 4
CD4066BC bilateral switches). This provision avoids any
permanent current flow or clamp action of the VDD supply
when power is applied or removed from CD4066BC.
In certain applications, the external load-resistor current
may include both VDD and signal-line components. To
avoid drawing VDD current when switch current flows into
terminals 1, 4, 8 or 11, the voltage drop across the
bidirectional switch must not exceed 0.6V at TA ≤ 25°C, or
0.4V at TA > 25°C (calculated from RON values shown).
No VDD current will flow through RL if the switch current
flows into terminals 2, 3, 9 or 10.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com