Electronic Components Datasheet Search
  English  ▼

X  

CD4066 Datasheet(PDF) 3 Page - SYC Electronica

Part # CD4066
Description  Quad Bilateral Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4066 Datasheet(HTML) 3 Page - SYC Electronica

  CD4066 Datasheet HTML 1Page - SYC Electronica CD4066 Datasheet HTML 2Page - SYC Electronica CD4066 Datasheet HTML 3Page - SYC Electronica CD4066 Datasheet HTML 4Page - SYC Electronica CD4066 Datasheet HTML 5Page - SYC Electronica CD4066 Datasheet HTML 6Page - SYC Electronica CD4066 Datasheet HTML 7Page - SYC Electronica CD4066 Datasheet HTML 8Page - SYC Electronica CD4066 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AC Electrical Characteristics (Note 3)
TA = 25°C, tr = tf = 20 ns and VSS = 0V unless otherwise noted
Note 3: AC Parameters are guaranteed by DC correlated testing.
Note 4: These devices should not be connected to circuits with the power “ON”.
Note 5: In all cases, there is approximately 5 pF of probe and jig capacitance in the output; however, this capacitance is included in CL wherever it is
specified.
Note 6: VIS is the voltage at the in/out pin and VOS is the voltage at the out/in pin. VC is the voltage at the control input.
Note 7: Conditions for VIHC: a) VIS = VDD, IOS = standard B series IOH
b) VIS = 0V, IOL = standard B series IOL.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay Time Signal
VC = VDD, CL = 50 pF, (Figure 1)
Input to Signal Output
RL = 200k
VDD = 5V
25
55
ns
VDD = 10V
15
35
ns
VDD = 15V
10
25
ns
tPZH, tPZL
Propagation Delay Time
RL = 1.0 kΩ, CL = 50 pF, (Figure 2, Figure 3)
Control Input to Signal
VDD = 5V
125
ns
Output High Impedance to
VDD = 10V
60
ns
Logical Level
VDD = 15V
50
ns
tPHZ, tPLZ
Propagation Delay Time
RL = 1.0 kΩ, CL = 50 pF, (Figure 2, Figure 3)
Control Input to Signal
VDD = 5V
125
ns
Output Logical Level to
VDD = 10V
60
ns
High Impedance
VDD = 15V
50
ns
Sine Wave Distortion
VC = VDD = 5V, VSS = −5V
0.1
%
RL = 10 kΩ, VIS = 5Vp-p, f= 1 kHz, (Figure 4)
Frequency Response-Switch
VC = VDD = 5V, VSS = −5V,
40
MHz
“ON” (Frequency at
−3 dB)
RL = 1 kΩ, VIS = 5Vp-p,
20 Log10 VOS/VOS (1 kHz)−dB,
(Figure 4)
Feedthrough — Switch “OFF”
VDD = 5.0V, VCC = VSS = −5.0V,
1.25
(Frequency at
−50 dB)
RL = 1 kΩ, VIS = 5.0Vp-p, 20 Log10,
VOS/VIS = −50 dB, (Figure 4)
Crosstalk Between Any Two
VDD = VC(A) = 5.0V; VSS = VC(B) = 5.0V,
0.9
MHz
Switches (Frequency at
−50 dB)
RL1 kΩ, VIS(A) = 5.0 Vp-p, 20 Log10,
VOS(B)/VIS(A) = −50 dB (Figure 5)
Crosstalk; Control Input to
VDD = 10V, RL = 10 kΩ, RIN = 1.0 kΩ,
150
mVp-p
Signal Output
VCC = 10V Square Wave, CL = 50 pF
(Figure 6)
Maximum Control Input
RL = 1.0 kΩ, CL = 50 pF, (Figure 7)
VOS(f) = ½ VOS(1.0 kHz)
VDD = 5.0V
6.0
MHz
VDD = 10V
8.0
MHz
VDD = 15V
8.5
MHz
CIS
Signal Input Capacitance
8.0
pF
COS
Signal Output Capacitance
VDD = 10V
8.0
pF
CIOS
Feedthrough Capacitance
VC = 0V
0.5
pF
CIN
Control Input Capacitance
5.0
7.5
pF
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com