Electronic Components Datasheet Search
  English  ▼

X  

BLB03 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BLB03
Description  1500 – 4000 MHz High Linearity LNA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB03 Datasheet(HTML) 1 Page - BeRex Corporation

  BLB03 Datasheet HTML 1Page - BeRex Corporation BLB03 Datasheet HTML 2Page - BeRex Corporation BLB03 Datasheet HTML 3Page - BeRex Corporation BLB03 Datasheet HTML 4Page - BeRex Corporation BLB03 Datasheet HTML 5Page - BeRex Corporation BLB03 Datasheet HTML 6Page - BeRex Corporation BLB03 Datasheet HTML 7Page - BeRex Corporation BLB03 Datasheet HTML 8Page - BeRex Corporation BLB03 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1500 – 4000 MHz High Linearity LNA
BLB03
1
Rev. 6.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
• Operated at 3.0V and 5.0V
• 35.5 dBm Output IP3 at 0dBm/tone at 3500MHz
• 16.4 dB Gain at 3500 MHz
• 20.1 dBm P1dB at 3500MHz
• 0.83 dB NF at 3500MHz
• Fast shut down to support TDD systems
• Green/RoHS2 Compliant DFN 8L 2x2 Package
BeRex’s BLB03 is a high linearity LNA, based on
GaAs material with E-pHEMT process and pack-
aged in a RoHS2-compliant DFN 8L 2x2 mm
2 Sur-
face mount package. It is designed for use where
low noise and high linearity are required and fea-
tures low noise and high OIP3 at Frequency range
of 1.5~4.0GHz. It can be used in fast shutdown
switching speed for TD-LTE application. All devices
are 100% RF/DC tested and classified as HBM ESD
Class 1C.
Product Description
Device Features
• Base station Infrastructure
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE system/5G NR
Applications
Applications Circuit
BOM
5V Value
3V Value
5V Value 3V Value
Freq
1.5~3G
1.5~3G
3~4G
3~4G
C1,C2,C3
20pF
20pF
20pF
20pF
C4
N/A
N/A
0.3pF
0.3pF
R1
9.1Kohm
6.8Kohm
9.1Kohm 6.8Kohm
R2
3 ohm
3 ohm
3 ohm
3 ohm
R3
20kohm
20kohm
20kohm
20kohm
L1
15nH
15nH
15nH
15nH
L2
8.2nH
8.2nH
8.2nH
8.2nH
Part Marking (XX:Wafer number)
Recommended Operating Conditions
1
Parameter
Min
Typ
Max
Unit
Bandwidth
1500
4000
MHz
Id @ (Vd = 5.0V)
46
57
68
mA
Id @ (Vd = 3.0V)
27
34
41
mA
Vd
3
5
5.25
V
dG/dT
-0.008
dB/°C
RTH
34.1
°C/W
Operating Case Temperature
-40
+105
°C
Electrical Specifications
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=5V, 50 Ω system.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=3V, 50 Ω system.
* Noise Figure data has input trace loss de-embedded.
* Noise Figure data has input trace loss de-embedded.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
1500
4000
MHz
Test Frequency
3500
MHz
Gain
14.9
16.4
dB
Input Return Loss
-12.9
dB
Output Return Loss
-10.5
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
32.5
35.5
dBm
Output P1dB
19.1
20.1
dBm
Noise Figure
0.83
1.03
dB
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
1500
4000
MHz
Test Frequency
3500
MHz
Gain
14.2
15.7
dB
Input Return Loss
-10.6
dB
Output Return Loss
-11.2
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
27.8
30.8
dBm
Output P1dB
14.8
15.8
dBm
Noise Figure
0.85
1.05
dB
RF In
RF Out
Vd
L2
L1
R1
R2
BLB03
1
2
3
4
8
7
6
5
Vsd
C4
C3
C2
C1
R3


Similar Part No. - BLB03

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB01 BEREX-BLB01 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB01 BEREX-BLB01 Datasheet
1Mb / 17P
500 – 1500 MHz High Linearity LNA
Rev. 6.6
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
1Mb / 17P
1500 – 2700 MHz High Linearity LNA
Rev. 7.5
More results

Similar Description - BLB03

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL09S ASB-ASL09S Datasheet
483Kb / 7P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL19H ASB-ASL19H Datasheet
539Kb / 9P
5-4000 MHz High Linearity LNA MMIC
December 2010
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL41S9 ASB-ASL41S9 Datasheet
508Kb / 11P
5 ~ 4000 MHz High Linearity LNA MMIC
June 2014
logo
TriQuint Semiconductor
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
1500 to 4000 MHz Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com