Electronic Components Datasheet Search
  English  ▼

X  

BLB03 Datasheet(PDF) 5 Page - BeRex Corporation

Part # BLB03
Description  1500 – 4000 MHz High Linearity LNA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB03 Datasheet(HTML) 5 Page - BeRex Corporation

  BLB03 Datasheet HTML 1Page - BeRex Corporation BLB03 Datasheet HTML 2Page - BeRex Corporation BLB03 Datasheet HTML 3Page - BeRex Corporation BLB03 Datasheet HTML 4Page - BeRex Corporation BLB03 Datasheet HTML 5Page - BeRex Corporation BLB03 Datasheet HTML 6Page - BeRex Corporation BLB03 Datasheet HTML 7Page - BeRex Corporation BLB03 Datasheet HTML 8Page - BeRex Corporation BLB03 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1500 – 4000 MHz High Linearity LNA
BLB03
5
Rev. 6.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
S-Parameter
(Vd=5.0V,Id = 57mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
1400
0.22
-48.10
12.57
138.29
0.025
50.66
0.50
59.09
1600
0.24
-63.52
11.77
122.96
0.026
40.26
0.50
43.40
1800
0.25
-71.32
10.95
110.41
0.027
35.05
0.49
28.03
2000
0.24
-76.46
10.33
98.67
0.029
35.60
0.50
14.54
2200
0.24
-80.73
9.69
88.18
0.029
29.61
0.50
1.12
2400
0.23
-85.23
8.81
77.72
0.028
27.96
0.50
-11.30
2600
0.24
-87.56
7.98
70.34
0.029
22.55
0.49
-22.57
2800
0.24
-92.60
7.49
63.96
0.030
24.65
0.51
-29.18
3000
0.24
-96.30
7.06
58.41
0.031
23.03
0.54
-39.12
3200
0.24
-100.78
6.78
50.86
0.032
21.35
0.55
-48.95
3400
0.25
-103.61
6.55
44.42
0.032
17.00
0.58
-57.57
3600
0.25
-105.48
6.23
37.65
0.032
13.75
0.60
-65.81
3800
0.27
-108.04
5.99
31.44
0.034
13.23
0.63
-73.33
4000
0.28
-108.31
5.81
25.18
0.033
6.89
0.65
-80.04
(Vd=3.0V,Id = 34mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
1400
0.27
-54.12
11.68
138.84
0.027
48.70
0.49
56.43
1600
0.29
-69.63
10.95
123.29
0.028
42.06
0.48
40.52
1800
0.29
-78.87
10.14
110.55
0.027
42.89
0.47
24.77
2000
0.28
-85.20
9.60
98.75
0.030
38.74
0.47
11.24
2200
0.28
-89.50
9.01
88.19
0.032
31.08
0.49
-1.69
2400
0.27
-93.83
8.17
77.62
0.031
30.36
0.49
-14.12
2600
0.27
-97.66
7.41
69.90
0.032
26.40
0.48
-25.52
2800
0.27
-102.26
6.97
63.63
0.032
24.81
0.50
-32.82
3000
0.26
-106.54
6.59
57.74
0.033
22.43
0.52
-42.44
3200
0.26
-111.13
6.32
49.91
0.035
17.74
0.54
-52.02
3400
0.27
-114.33
6.09
43.48
0.036
17.81
0.57
-60.85
3600
0.27
-116.53
5.78
36.40
0.036
13.11
0.59
-68.74
3800
0.28
-118.25
5.59
30.09
0.037
13.41
0.62
-76.76
4000
0.29
-119.02
5.41
23.70
0.040
8.86
0.65
-82.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com