Electronic Components Datasheet Search
  English  ▼

X  

BLB03 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BLB03
Description  1500 – 4000 MHz High Linearity LNA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB03 Datasheet(HTML) 2 Page - BeRex Corporation

  BLB03 Datasheet HTML 1Page - BeRex Corporation BLB03 Datasheet HTML 2Page - BeRex Corporation BLB03 Datasheet HTML 3Page - BeRex Corporation BLB03 Datasheet HTML 4Page - BeRex Corporation BLB03 Datasheet HTML 5Page - BeRex Corporation BLB03 Datasheet HTML 6Page - BeRex Corporation BLB03 Datasheet HTML 7Page - BeRex Corporation BLB03 Datasheet HTML 8Page - BeRex Corporation BLB03 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1500 – 4000 MHz High Linearity LNA
BLB03
2
Rev. 6.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
Paramter
Condition
Min.
Typical
Max.
Unit
Shutdown Control
On state
0
0.9
V
Off state(shutdown)
1.17
VDD
V
Current, IDD
On state 5V
46
57
68
mA
On state 3V
27
34
41
mA
Off state(shutdown)
5
7
9
mA
Shutdown pin current,Isd
1.17V ≤ Vsd < VDD
150
uA
Switching Time
Rise time(10% to 90%)
140
ns
Fall time(90% to 10%)
40
ns
Recommended Operating Conditions
2
Absolute Maximum Ratings
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+160
°C
Supply Voltage
+6
V
Supply Current
120
mA
Input RF Power
21
dBm
Typical Performance (Vd=5.0V, Id=57mA , T=25°C)
Parameter
Frequency
Unit
Vd = 5V
1850
2140
2650
3500
MHz
Gain
20.3
19.5
18
16.4
dB
S11
-14.4
-15.1
-15.1
-12.9
dB
S22
-6.8
-7.3
-7.8
-10.5
dB
OIP3
33.9
34.3
35.8
35.5
dBm
P1dB
20.9
21.2
21
20.1
dBm
Noise Figure
0.64
0.68
0.73
0.83
dB
Parameter
Frequency
Unit
Vd = 3V
1850
2140
2650
3500
MHz
Gain
19.5
18.6
17
15.7
dB
S11
-11.9
-12.7
-12.7
-10.6
dB
S22
-7.0
-7.4
-7.8
-11.2
dB
OIP3
29.6
29.6
30.3
30.8
dBm
P1dB
16.5
16.8
16.6
15.8
dBm
Noise Figure
0.64
0.68
0.73
0.85
dB
Typical Performance (Vd=3.0V, Id=34mA, T=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com