Electronic Components Datasheet Search
  English  ▼

X  

BLB28 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BLB28
Description  2000 – 7000 MHz High Gain LNA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB28 Datasheet(HTML) 1 Page - BeRex Corporation

  BLB28 Datasheet HTML 1Page - BeRex Corporation BLB28 Datasheet HTML 2Page - BeRex Corporation BLB28 Datasheet HTML 3Page - BeRex Corporation BLB28 Datasheet HTML 4Page - BeRex Corporation BLB28 Datasheet HTML 5Page - BeRex Corporation BLB28 Datasheet HTML 6Page - BeRex Corporation BLB28 Datasheet HTML 7Page - BeRex Corporation BLB28 Datasheet HTML 8Page - BeRex Corporation BLB28 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2000 – 7000 MHz High Gain LNA
BLB28
1
Rev. 1.2
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
BeRex’s BLB28 is a high Gain LNA, based on GaAs E-
pHEMT process and packaged in a RoHS-compliant
DFN 8L 2x2mm
2 Surface mount package. It is de-
signed for use where low noise and high Gain are
required and features low noise and high OIP3 at
Frequency range of 2.0~7.0GHz. It is fast enable
switching speed for TDD-5G application. All devices
are 100% RF/DC tested and classified as HBM ESD
Class 1C.
Product Description
Device Features
• Base station Infrastructure
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE system/5G NR
Applications
Applications Circuit
Part Marking
Electrical Specifications
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=5V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
2000
7000
MHz
Test Frequency
4900
MHz
Gain
19.2
20.7
dB
Input Return Loss
-10.0
dB
Output Return Loss
-10.5
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
28.5
31.5
dBm
Output P1dB
18.6
19.6
dBm
5G NR ACLR
1
8.0
9.0
dBm
Noise Figure
2
0.8
1.0
dB
• Operated at 5.0V
• 33.0dBm Output IP3 at 0dBm/tone at 3600MHz
• 21.5dB Gain at 3600MHz
• 20.3dBm P1dB at 3600MHz
• 0.69dB NF at 3600MHz
• Fast shut down to support TDD systems
• Lead-free/Green/RoHS Compliant DFN8 2x2 Package
Recommended Operating Conditions
1
Parameter
Min
Typ
Max
Unit
Bandwidth
2000
7000
MHz
Id @ (Vd = 5.0V)
42
52
62
mA
Vd
4.75
5.0
5.25
V
dG/dT
-0.008
dB/°C
RTH
62
°C/W
Operating Case Temperature
-40
+105
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+150
°C
Supply Voltage
+7
V
Supply Current
130
mA
Input RF Power
30
dBm
Operation of this device above any of these parameters may result in permanent damage.
1 ACLR Channel Power measured at -50dBc.
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01%
Prob.
- 5G NR Downlink FR1 : SCS 30KHz, CBW 100MHz, 256QAM, PAR 9.66 at 0.01% Prob.
C1
C2
RF In
RF Out
Vd
L1
R1
R2
BLB03
1
2
3
4
8
7
6
5
Vsd
C6
C3
C5
C4
R3
L2
C7
BOM
2.14GHz
2.65GHz
3.6GHz
4.9GHz
5.8GHz
C1
N/A
N/A
N/A
N/A
N/A
C2
1nF
1nF
1nF
1nF
1nF
C3,C4,C5
100pF
100pF
100pF
100pF
100pF
C6
1pF
1pF
0.5pF
0.5pF(HQ) 0.5pF(HQ)
C7
N/A
N/A
N/A
0.3pF
0.3pF
R1
1.5Kohm
1.5Kohm
1.5Kohm
1.5Kohm
1.5Kohm
R2
0Kohm
0Kohm
0Kohm
0Kohm
0Kohm
R3
20Kohm
20Kohm
20Kohm
20Kohm
20Kohm
L1
5.6nH
2.7nH
2.7nH
2.7nH
2.7nH
L2
2.2nH
1.5nH
LINE
LINE
LINE


Similar Part No. - BLB28

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB01 BEREX-BLB01 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB01 BEREX-BLB01 Datasheet
1Mb / 17P
500 – 1500 MHz High Linearity LNA
Rev. 6.6
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
1Mb / 17P
1500 – 2700 MHz High Linearity LNA
Rev. 7.5
More results

Similar Description - BLB28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7001 STMICROELECTRONICS-STB7001 Datasheet
331Kb / 7P
900 MHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
Tyco Electronics
MADCSM0012 MACOM-MADCSM0012 Datasheet
202Kb / 6P
PCS LNA / Downconverter 1800-2000 MHz
logo
TriQuint Semiconductor
TQP3M6005 TRIQUINT-TQP3M6005 Datasheet
414Kb / 7P
Mid Band Dual LNA (1700-2000 MHz)
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
500 ??2000 MHz Bypass LNA
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
High Linearity LNA Gain Block
logo
BeRex Corporation
BL022 BEREX-BL022 Datasheet
1Mb / 19P
50-3000 MHz Wideband LNA Gain Block
logo
Broadcom Corporation.
MGA-31189 BOARDCOM-MGA-31189 Datasheet
557Kb / 15P
0.25W High Gain Driver Amplifier 50 ??2000 MHz
logo
BeRex Corporation
BL022 BEREX-BL022_18 Datasheet
1Mb / 9P
50-3000 MHz Wideband LNA Gain Block
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
50-6000 MHz Wideband LNA Gain Block
logo
Will Semiconductor Ltd.
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
CMOS High Gain GPS LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com