Electronic Components Datasheet Search
  English  ▼

X  

BLB28 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BLB28
Description  2000 – 7000 MHz High Gain LNA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB28 Datasheet(HTML) 2 Page - BeRex Corporation

  BLB28 Datasheet HTML 1Page - BeRex Corporation BLB28 Datasheet HTML 2Page - BeRex Corporation BLB28 Datasheet HTML 3Page - BeRex Corporation BLB28 Datasheet HTML 4Page - BeRex Corporation BLB28 Datasheet HTML 5Page - BeRex Corporation BLB28 Datasheet HTML 6Page - BeRex Corporation BLB28 Datasheet HTML 7Page - BeRex Corporation BLB28 Datasheet HTML 8Page - BeRex Corporation BLB28 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 – 7000 MHz High Gain LNA
BLB28
2
Rev. 1.2
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
Paramter
Condition
Min.
Typical
Max.
Unit
Shutdown Control
On state
0
0.9
V
Off state(shutdown)
1.17
Vd
V
Current, Id
On state 5V
42
52
62
mA
Off state(shutdown)
5
7
9
mA
Shutdown pin current,Isd
1.17V ≤ Vsd < VD
200
uA
Switching Time
Rise time(10% to 90%)
150
ns
Fall time(90% to 10%)
50
ns
Recommended Operating Conditions
2
Typical Performance (Vd=5.0V, Id=52mA , T=25°C)
Parameter
Unit
Frequency
Vd = 5V
2140
2650
3600
4900
5800
MHz
Gain
25.0
23.9
21.5
20.7
20.8
dB
S11
-10.7
-11.8
-11.0
-10.0
-9.6
dB
S22
-10.9
-11.6
-10.0
-10.5
-7.3
dB
OIP3
1
33.7
32.1
33.0
31.5
29.8
dBm
P1dB
19.8
19.0
20.3
19.6
18.3
dBm
LTE 20M ACLR
9.2
9.1
–
–
–
dBm
5G NR ACLR
2
–
–
9.0
8.2
6.2
dBm
Noise Figure
3
0.68
0.67
0.69
0.80
1.00
dB
1
OIP3 measured on two tones with a output power 0 dBm/tone , Δf=1 MHz
2 ACLR Channel Power measured at -50dBc.
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
- 5G NR Downlink FR1 : SCS 30KHz, CBW 100MHz, 256QAM, PAR 9.66 at 0.01% Prob.
*
Dielectric constant _ 4.2 *RF pattern width 24mil *16mil thick RO4003 PCB
Evaluation Board
V-I Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com