Electronic Components Datasheet Search
  English  ▼

X  

BLB28 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BLB28
Description  2000 – 7000 MHz High Gain LNA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB28 Datasheet(HTML) 4 Page - BeRex Corporation

  BLB28 Datasheet HTML 1Page - BeRex Corporation BLB28 Datasheet HTML 2Page - BeRex Corporation BLB28 Datasheet HTML 3Page - BeRex Corporation BLB28 Datasheet HTML 4Page - BeRex Corporation BLB28 Datasheet HTML 5Page - BeRex Corporation BLB28 Datasheet HTML 6Page - BeRex Corporation BLB28 Datasheet HTML 7Page - BeRex Corporation BLB28 Datasheet HTML 8Page - BeRex Corporation BLB28 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 – 7000 MHz High Gain LNA
BLB28
4
Rev. 1.2
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
Typical Device Data
S-parameters (Vd=5.0V, Id=52mA , T=25°C)
S-Parameter
(Vd=5.0V,Id = 52mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
2000
0.54
-52.38
13.10
148.75
0.02
95.90
0.53
14.03
2200
0.51
-84.93
12.44
112.70
0.02
67.56
0.52
-15.72
2500
0.48
-140.29
11.14
58.72
0.02
20.03
0.50
-62.97
2800
0.47
170.89
9.75
5.89
0.02
-30.20
0.49
-114.88
3100
0.46
127.75
8.70
-42.56
0.02
-74.13
0.52
-167.24
3400
0.43
85.56
8.21
-89.46
0.02
-118.07
0.54
146.75
3700
0.40
27.06
8.71
-140.36
0.02
-164.09
0.51
104.32
4000
0.43
-50.77
9.17
161.58
0.02
145.48
0.40
59.05
4300
0.55
-115.77
8.70
103.47
0.02
97.38
0.31
7.43
4600
0.59
-160.33
7.61
46.51
0.02
47.60
0.37
-65.82
4900
0.58
165.63
6.67
-3.60
0.02
1.08
0.49
-123.37
5200
0.53
129.34
6.62
-50.20
0.02
-44.10
0.54
-165.68
5500
0.50
74.12
7.21
-103.06
0.02
-90.12
0.47
149.69
5800
0.54
5.16
7.36
-165.77
0.03
-142.99
0.30
74.70
6100
0.63
-49.94
5.70
130.60
0.02
162.66
0.34
-35.07
6400
0.71
-87.95
4.78
82.55
0.02
123.68
0.58
-68.44
6700
0.73
-120.03
3.98
32.86
0.02
83.38
0.79
-108.48
7000
0.74
-151.70
3.85
-11.54
0.01
50.20
0.84
-143.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com