Electronic Components Datasheet Search
  English  ▼

X  

CSF363 Datasheet(PDF) 3 Page - VITROHM

Part # CSF363
Description  Metal Band Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

CSF363 Datasheet(HTML) 3 Page - VITROHM

  CSF363 Datasheet HTML 1Page - VITROHM CSF363 Datasheet HTML 2Page - VITROHM CSF363 Datasheet HTML 3Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
3
CSF Series Datasheet
The type CSF is packed embossed plastic according to IEC60286-3, packing details described below,
Notes
• The minimum length of the leader is 400 mm, which includes a minimum 100 mm of carrier tape with empty compartments and sealed by the cover tape
• The minimum length of the trailer is 160 mm carrier tape with empty compartments and sealed by the cover tape
(1) All of the leader may consist of the carrier tape with empty compartments sealed by cover tape
Tape and reel information
Tape width
Reel size
SPQ
Weight (typical)
[g/1000 pieces]
16 mm
330mm / 13”
4000
274,3
Type
A0
±0,1
B0
±0,1
D0
+0,1
D1
min.
E
±0,1
F
±0,1
P0
±0,1
P1
±0,1
P2
±0,1
T2
max.
W
max.
CSF363
9,6
9,9
1,5
1,5
1,75
7,5
4,0
12,0
2,0
1,51
16,3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com