Electronic Components Datasheet Search
  English  ▼

X  

CSF363 Datasheet(PDF) 2 Page - VITROHM

Part # CSF363
Description  Metal Band Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

CSF363 Datasheet(HTML) 2 Page - VITROHM

  CSF363 Datasheet HTML 1Page - VITROHM CSF363 Datasheet HTML 2Page - VITROHM CSF363 Datasheet HTML 3Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
CSF Series Datasheet
Type / size
CSF363
Short Time Overload
(U=5 *
, 5[s]
±[%]
0,5
Resistance to Soldering Heat
IEC60115-1 clause 4.18 and Mil-STD-202 Method 210
(260[°C], 10±2[s])
±[%]
0,5
Low Temperature Storage
-65[ºC] 24[H]
±[%]
0,5
High Temperature Exposure
Mil-STD-202 Method 108
+170[ºC] 1000[H]
±[%]
1,0
Biased Humidity
MIL-STD-202 Method 103
(85[ºC], 85[%RH] 10[% bias] 1.000[h])
±[%]
0,5
Vibrations
Mil-STD-202 Method 204
(10 to 2000 [Hz], 1 [min], 3 directions 12 [h])
±[%]
0,5
Mechanical Shock
Mil-STD-202 Method 213
( 100 [G] for 6[ms], 5 pulses
±[%]
0,5
Endurance
IEC60115-1 clause 4.25
(P70, @ 70[°C] 1000[h]), 1,5[h]ON ; 0,5[h]OFF)
±[%]
1,0
Low Temperature Storage
-65 [ºC] 24 [h]
±[%]
0,5
Thermal Shock
( -55 ~150 [ºC], 1000 cycles , 15[m] at each extreme)
±[%]
0,5
Moisture Resistance
Mil-STD-202 Method 106
0% power, 7a and 7b not required
±[%]
0,5
The resistors marking will follow below concept:
4 digits where ”R” designates the decimal location in ohms, e.g. 2mΩ the product marking is R002.
4 digits where ”L” designates the decimal location in milli-ohms, e.g. 1.9mΩ the product marking is 1L9
Power Derating Curve
• E1 and E2: Voltage sense connection
• I1 and I2: Current connection
4 Terminal Kelvin Connections



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com