Electronic Components Datasheet Search
  English  ▼

X  

CSF363 Datasheet(PDF) 1 Page - VITROHM

Part # CSF363
Description  Metal Band Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

CSF363 Datasheet(HTML) 1 Page - VITROHM

  CSF363 Datasheet HTML 1Page - VITROHM CSF363 Datasheet HTML 2Page - VITROHM CSF363 Datasheet HTML 3Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
1
CSF363 Series Datasheet
Metal Band Power Resistors | Low Value
Surface Mount, 4 - Terminal
Type
CSF363
Size
3637
Nominal Power Rating
P70
[W]
3,0
Resistance Range
(Other values upon request)
[Ω]
R001 , R002 , R003 , R004 , R005 , R006 , R007 , R008 , R009 , R01
Tolerances
±[%]
D = 0,5% , F = 1%
Temperature Coefficient
[ppm/ºC]
50 for values R003…R01
75 for values R001…R0029
Element TCR
[ppm/ ºC]
< 20
Inductance
[nH]
0.5 to 5
Working Temperature Range
[ºC]
-65 … +170
Max. Working Voltage
[V]RMS
Material
Cu-Mn-Cu
Recommended solder pads dimensions
Type
Resistance
range Ω
I
a
b
c
d
CSF363
R001...R01
4,52
2,95
9,91
1,68
0,61
Type
Resistance
range Ω
L
±0,25
G
±0,25
W
±0,25
B
±0,25
C
A
±0,25
E
±0,25
H
max.
T
±0,25
t
CSF363
R001...R01
9,14
5,00
6,50
1,63
1,30
1,40
0,50
0,90
1,48
0,40
4 - Terminals Connection
All Welded Construction, and pulse applications
Solid Metal Construction
Low thermal EMF (<3µV/ºC)
Excellent frequency response to 50 MHz
AEC – Q200 Qualification under process
RoHS & REACH Compliant
New SAP Part Nr.:
CSF
363
F
K
-
13-
R002
AA
Serie
Size
Tol.
Pack-Code
TCR
Forming type
* R Value
Special
363 = 3637
D = ±0,5%
F = ±1%
K = Blister
tape reel
- Base on
spec.
13- = 13 inch
(Reel diameter)
AA = Standard
*0.2 mΩ to 4 mΩ there are 3~4 digits indicated the resistance value. Letter R/ L is decimal point
(L2 = 0.0002
Ω, 0R001 =1mΩ)
Automotive
Industrial
Power & Energy


Similar Part No. - CSF363

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF30100CT-A CITC-CSF30100CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF30150CT-A CITC-CSF30150CT-A Datasheet
480Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF30200CT-A CITC-CSF30200CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF3045CT-A CITC-CSF3045CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF3060CT-A CITC-CSF3060CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSF363

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01 VISHAY-PR01 Datasheet
141Kb / 14P
Power Metal Film Resistors
24-Feb-04
logo
Welwyn Components Limit...
MF-S WELWYN-MF-S Datasheet
67Kb / 2P
Power Metal Film Resistors
logo
Riedon Powertron
PMF1 RIEDON-PMF1 Datasheet
291Kb / 1P
Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
442639 VISHAY-442639 Datasheet
125Kb / 3P
Power Metal Strip Resistors
01-Jul-09
442550 VISHAY-442550 Datasheet
125Kb / 3P
Power Metal Strip Resistors
12-Aug-09
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com