Electronic Components Datasheet Search
  English  ▼

X  

TC7MP01FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7MP01FK
Description  Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP01FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7MP01FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC7MP01FK
2007-10-19
4
Electrical Characteristics
DC Characteristics (Ta=-40 to 85℃, 2.7V<Vcc≦3.6V)
Characteristics
Symbol
Test condition
Vcc(V)
Min
Max
Unit
H-level
VIH
-
2.7 to 3.6
2.0
-
Input Voltage
L-level
VIL
-
2.7 to 3.6
-
0.8
V
IOH= -100uA
2.7 to 3.6
Vcc-0.2
-
IOH= -6mA
2.7
2.2
-
IOH= -9mA
3.0
2.4
-
H-level
V0H
VIN=
VIH orVIL
IOH= -12mA
3.0
2.2
-
IOL= 100uA
2.7 to 3.6
-
0.2
IOL= 6mA
2.7
-
0.4
IOL= 9mA
3.0
-
0.4
Output voltage
L-level
V0L
VIN=
VIH orVIL
IOL= 12mA
3.0
-
0.55
V
Input leakage current
IIN
VIN=0 to 3.6V
2.7 to 3.6
-
±
2.0
μ
A
Power-off leakage current
IOFF
VIN,VOUT=0 to 3.6V
0
-
2.0
μ
A
ICC
VIN=VCC or GND
2.7 to 3.6
-
2.0
μ
A
Quiescent supply current
Δ
ICC
VIN=VCC-0.6V
(per input)
2.7 to 3.6
-
750
μ
A
DC Characteristics (Ta=-40 to 85℃, 2.3V≦Vcc≦2.7V)
Characteristics
Symbol
Test condition
Vcc(V)
Min
Max
Unit
H-level
VIH
-
2.3 to 2.7
1.6
-
Input voltage
L-level
VIL
-
2.3 to 2.7
-
0.7
V
IOH=-100uA
2.3 to 2.7
Vcc-0.2
-
IOH= -3mA
2.3
2.0
-
IOH= -6mA
2.3
1.8
-
H-level
V0H
VIN=
VIH orVIL
IOH= -9mA
2.3
1.7
-
IOL= 100uA
2.3 to 2.7
-
0.2
IOL= 6mA
2.3
-
0.4
Output voltage
L-level
V0L
VIN=
VIH orVIL
IOL= 9mA
2.3
-
0.6
V
Input leakage current
VIN=0 to 3.6V
2.3 to 2.7
-
±
2.0
μ
A
Power-off leakage current
IOFF
VIN,VOUT=0 to 3.6V
0
-
2.0
μ
A
Quiescent supply current
ICC
VIN=VCC or GND
2.3 to 2.7
-
2.0
μ
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com