Electronic Components Datasheet Search
  English  ▼

X  

TC7MP01FK Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC7MP01FK
Description  Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP01FK Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TC7MP01FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TC7MP01FK
2007-10-19
7
AC Test Circuit
AC Waveform
Vcc
Symbol
3.3±0.3V
2.5±0.2V
1.8±0.15V
VIH
2.7V
Vcc
Vcc
VM
1.5V
Vcc/2
Vcc/2
Output
Measure
RL = 500 Ω
CL = 30 pF
Figure 1
Figure 2 tpLH, tpHL
90%
10%
Input
(A)
GND
VIH
tr 2.0 ns
VM
Output
(Y)
VOL
VOH
VM
tpLH
tpHL
tf 2.0 ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com