Electronic Components Datasheet Search
  English  ▼

X  

TC7MP01FK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7MP01FK
Description  Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP01FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7MP01FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MP01FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC7MP01FK
2007-10-19
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
Vcc
-0.5 to 4.6
V
DC input voltage
VIN
-0.5 to 4.6
V
-0.5 to 4.6
(Note 2)
DC output voltage
VOUT
-0.5 to Vcc+0.5 (Note 3)
V
Input diode current
IIK
-50
mA
Output diode current
IOK
±
50
(Note 4)
mA
DC output current
IOUT
±
50
mA
DC Vcc/ground current
ICC/IGND
±
100
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
-65 to 150
℃
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability
test report and estimated failure rate, etc).
Note 2: Vcc=0V
Note 3
: High or low state.
Note 4
: VOUT<GND, VOUT>Vcc
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
1.65 to 3.6
Power supply voltage
Vcc
1.2 to 3.6 (Note 2)
V
DC input voltage
VIN
-0.3 to 3.6
V
0 to 3.6 (Note 3)
DC output voltage
VOUT
0 to Vcc (Note 4)
V
±
12
(Note 5)
±
9
(Note 6)
Output current
IOH/IOL
±
2
(Note 7)
mA
Operating Temperature
Topr
-40 to 85
℃
Input rise and fall time
dt / dv
0 to 10 (Note 8)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Data retention only
Note 3: Vcc=0V
Note 4: High or low state
Note 5: Vcc=3.0 to 3.6V
Note 6: Vcc=2.3 to 2.7V
Note 7: Vcc=1.65 to 1.95V
Note 8: VIN=0.8 to 2.0V,Vcc=3.0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com