Electronic Components Datasheet Search
  English  ▼

X  

TPL720 Datasheet(PDF) 13 Page - 3PEAK INC.

Part # TPL720
Description  400-mA Output,1-μA Ultra-Low Quiescent Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPL720 Datasheet(HTML) 13 Page - 3PEAK INC.

Back Button TPL720 Datasheet HTML 9Page - 3PEAK INC. TPL720 Datasheet HTML 10Page - 3PEAK INC. TPL720 Datasheet HTML 11Page - 3PEAK INC. TPL720 Datasheet HTML 12Page - 3PEAK INC. TPL720 Datasheet HTML 13Page - 3PEAK INC. TPL720 Datasheet HTML 14Page - 3PEAK INC. TPL720 Datasheet HTML 15Page - 3PEAK INC. TPL720 Datasheet HTML 16Page - 3PEAK INC. TPL720 Datasheet HTML 17Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application and Implementation
Note
Information in the following application sections is not part of the 3PEAK’s component specification and 3PEAK does not
warrant its accuracy or completeness. 3PEAK’s customers are responsible for determining suitability of components for
their purposes. Customers should validate and test their design implementation to confirm system functionality.
Application Information
The TPL720 is a series of 400-mA high PSRR, low-dropout linear regulators with low quiescent current. The following
application schematic shows a typical usage of the TPL720 series.
Typical Application
Figure 13 shows the typical application schematic of the TPL720 series.
Figure 13. TPL720 Series Application Schematic
(1) EN pin is only available in the 4-/5-pin package
Input Capacitor and Output Capacitor
3PEAK recommends adding a 1-μF or greater capacitor with a 0.1-μF bypass capacitor in parallel at the IN pin to keep the
input voltage stable. The voltage rating of the capacitors must be greater than the maximum input voltage.
To ensure loop stability, the TPL720 series requires an output capacitor with a minimum effective capacitance value of 2.2 μF.
3PEAK recommends selecting an X5R- or X7R-type 4.7 μF or larger ceramic capacitor with low ESR over temperature.
Both input capacitors and output capacitors must be placed as close to the device pins as possible.
Power Dissipation
During normal operation, the LDO junction temperature should not exceed 125°C. Use the below equations to calculate the
power dissipation and estimate the junction temperature.
The power dissipation can be calculated using Equation 1.
PD = VIN − VOUT × IOUT + VIN × IGND
(1)
The junction temperature can be estimated using Equation 2. θJA is the junction-to-ambient thermal resistance (See Section
Thermal Information).
TPL720 Series
400-mA Output,1-µA Ultra-Low Quiescent Current LDO
www.3peak.com
13 / 22
DA20241201A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com