Electronic Components Datasheet Search
  English  ▼

X  

TPL720 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TPL720
Description  400-mA Output,1-μA Ultra-Low Quiescent Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPL720 Datasheet(HTML) 3 Page - 3PEAK INC.

  TPL720 Datasheet HTML 1Page - 3PEAK INC. TPL720 Datasheet HTML 2Page - 3PEAK INC. TPL720 Datasheet HTML 3Page - 3PEAK INC. TPL720 Datasheet HTML 4Page - 3PEAK INC. TPL720 Datasheet HTML 5Page - 3PEAK INC. TPL720 Datasheet HTML 6Page - 3PEAK INC. TPL720 Datasheet HTML 7Page - 3PEAK INC. TPL720 Datasheet HTML 8Page - 3PEAK INC. TPL720 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Product Family Table
Order Number
Output Voltage (V)
Package
TPL720F18-3TR
Fixed 1.8 V
SOT23-3
TPL720F28-3TR
Fixed 2.8 V
SOT23-3
TPL720F30-3TR
Fixed 3.0 V
SOT23-3
TPL720F33-3TR
Fixed 3.3 V
SOT23-3
TPL720F12-5TR
Fixed 1.2 V
SOT23-5
TPL720F18-5TR
Fixed 1.8 V
SOT23-5
TPL720F28-5TR
Fixed 2.8 V
SOT23-5
TPL720F30-5TR
Fixed 3.0 V
SOT23-5
TPL720F33-5TR
Fixed 3.3 V
SOT23-5
TPL720F28-89TR
Fixed 2.8 V
SOT89-3
TPL720F30-89TR
Fixed 3.0 V
SOT89-3
TPL720F33-89TR
Fixed 3.3 V
SOT89-3
TPL720 Series
400-mA Output,1-µA Ultra-Low Quiescent Current LDO
www.3peak.com
3 / 22
DA20241201A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com