Electronic Components Datasheet Search
  English  ▼

X  

TPL720 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TPL720
Description  400-mA Output,1-μA Ultra-Low Quiescent Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPL720 Datasheet(HTML) 5 Page - 3PEAK INC.

  TPL720 Datasheet HTML 1Page - 3PEAK INC. TPL720 Datasheet HTML 2Page - 3PEAK INC. TPL720 Datasheet HTML 3Page - 3PEAK INC. TPL720 Datasheet HTML 4Page - 3PEAK INC. TPL720 Datasheet HTML 5Page - 3PEAK INC. TPL720 Datasheet HTML 6Page - 3PEAK INC. TPL720 Datasheet HTML 7Page - 3PEAK INC. TPL720 Datasheet HTML 8Page - 3PEAK INC. TPL720 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Pin Configuration and Functions
TPL720
SOT23-3 Package
Top View
TPL720
SOT89-3 Package
Top View
GND
OUT
Part Number
1
2
3
IN
OUT
IN
GND
IN
1
2
3
TPL720
SOT23-5 Package
Top View
IN
GND
EN
NC
Part Number
OUT
1
2
3
4
5
Table 1. Pin Functions: TPL720
Pin
Name
I/O
Description
SOT23-3
SOT23-5
SOT89-3
−
3
−
EN
I
Regulator enable pin. Drive EN high to turn on the
regulator; drive EN low to turn off the regulator. For
automatic startup, connect EN to IN directly.
1
2
1
GND
−
Ground reference pin. Connect the GND pin to the PCB
ground plane directly.
3
1
2
IN
I
Input voltage pin. Bypass IN to GND with a 1 μF or greater
capacitor.
−
4
−
NC
−
No connection.
2
5
3
OUT
O
Regulated output voltage pin. Bypass OUT to GND with a
2.2 μF or greater capacitor.
(1) Thermal pad must be connected to the PCB ground plane to maximize the thermal performance.
TPL720 Series
400-mA Output,1-µA Ultra-Low Quiescent Current LDO
www.3peak.com
5 / 22
DA20241201A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com