Electronic Components Datasheet Search
  English  ▼

X  

SML2108 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SML2108
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SML2108 Datasheet HTML 1Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
2053 2.2 11/07/00
SML2108
SUMMIT MICROELECTRONICS, Inc.
PRELIMINARY
*COMMENT
Stresses listed under Absolute Maximum Ratings may cause perma-
nent damage to the device.
These are stress ratings only, and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of this specification is not
implied.
Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
Temperature Under Bias ...................... –55°C to 125°C
Storage Temperature ........................... –65°C to 150°C
Lead Solder Temperature (10 secs) ................... 300 °C
ELECTRICAL TABLES
ABSOLUTE MAXIMUM RATINGS*
(Over Recommended Operating Conditions; Voltages are relative to GND)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
c
n
a
m
r
o
f
r
e
P
C
D
A
l
a
c
i
p
y
T
N
/
So
i
t
a
r
e
s
i
o
N
o
t
l
a
n
g
i
ST
A
C
º
5
2
=0
7B
d
D
H
Tn
o
i
t
r
o
t
s
i
d
c
i
n
o
m
r
a
h
l
a
t
o
T0
8
–
B
d
n
o
i
t
a
l
u
d
o
m
r
e
t
n
i
c
i
n
o
m
r
a
h
k
a
e
P
n
o
i
t
r
o
t
s
i
d
r
e
d
r
O
d
n
20
8
–
B
d
r
e
d
r
O
d
r
30
8
–
B
d
y
c
a
r
u
c
c
A
C
D
n
o
i
t
u
l
o
s
e
R8
s
t
i
B
g
n
i
s
s
i
m
o
n
h
c
i
h
w
r
o
f
n
o
i
t
u
l
o
e
R
d
e
e
t
n
a
r
a
u
g
e
r
a
s
e
d
o
c
8s
t
i
B
y
c
a
r
u
c
c
a
e
v
i
t
a
l
e
R
½
±B
S
L
L
N
D
1
±B
S
L
r
o
r
r
e
e
l
a
c
s
ll
u
f
e
v
i
t
i
s
o
P2
±B
S
L
r
o
r
r
e
t
e
s
f
f
o
r
a
l
o
p
i
n
U
V
S
S
V
5
=2
±B
S
L
V
S
S
o
t
V
7
.
2
=
V
6
.
3
2
±B
S
L
2053 Elect Table A
ºº



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com