Electronic Components Datasheet Search
  English  ▼

X  

SML2108 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SML2108
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SML2108 Datasheet HTML 1Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Characteristics subject to change without notice
2053 2.2 11/07/00
SML2108
SUMMIT
MICROELECTRONICS, Inc.
©SUMMIT MICROELECTRONICS, Inc., 2000 • 300 Orchard City Dr., Suite 131 • Campbell, CA 95008 • Phone 408-378-6461 • FAX 408-378-6586 • www.summitmicro.com
PRELIMINARY
!
!
!
!
! Integrated Bias Current Monitor
"
""
"
" Monitors & Measures Laser Temperature
Directly
"
""
"
" Eliminates Need for External Thermistor &
Thermal Coupling Issues
"
""
"
" Alarm Output on Over-temperature Condition
!
!
!
!
! Adaptive Modulation Control (AMC)
"
""
"
" Adjusts Modulation Current as a Function of
the Laser Temperature
"
""
"
" 8
××××× 8 Programmable Compensation Table
"
""
"
" 256 Independent Compensation Values
"
""
"
" Integrated 8-Bit Modulation Control DAC
!
!
!
!
! Flexible Biasing Architecture
"
""
"
" Bias Control and Modulation Control:
0 to 10mA / 0 to 100 mA Source,
0 to 100mA Sink
!
!
!
!
! Automatic Power Control (APC) with Integrated
10-Bit Programmable Offset
"
""
"
" Automatic Initial Bias Optimization
!
!
!
!
! Electronic Calibration Through 2-wire Interface
!
!
!
!
! 3V or 5V Operation
Laser Diode Adaptive Power Controller
SIMPLIFIED APPLICATION DIAGRAM
FEATURES
The SML2108 is an adaptive power controller for laser
diodes. It is the industry's first integrated device that can
directly monitor and measure a laser diode's temperature,
and provide a variable modulation current.
The
SML2108's integrated active feedback loop is used to
calibrate and control the mean and modulation power of
high speed, high power laser diodes.
Inherent manufacturing tolerances introduce variations of
performance in laser diodes. These variations, combined
with parametric changes over the laser’s extreme tem-
perature range and laser ageing, call for an efficient
temperature compensation scheme. Using an internal
digital control loop and a programmable nonvolatile com-
pensation lookup table, the SML2108 provides the most
optimum adaptive power control with a minimum number
of external components.
The SML2108 removes the need for any manual calibra-
tion of the laser control circuit, which is currently the
industry standard practice.
All calibration values are
programmed through the 2-wire communication interface,
which can be controlled by most production ATE equip-
ment.
Programming of configuration, control and calibration
values by the user can be simplified with the interface
adapter and Windows GUI software obtainable from Sum-
mit Microelectronics.
The SML2108 is available in 48 lead TQFP.
DESCRIPTION
DETECT
SDA
SCL
BIASN
MODN
AUTOMON
VSS
LASER
MODULATION
DRIVER
VDD
2053 SAD 1.0
MODSET
IN+
IMOD
SML2108
LASER
DIODE
MONITOR
DIODE
Interface
VDD
VDD
IN–


Similar Part No. - SML2108

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SML2120 SUMMIT-SML2120 Datasheet
1Mb / 32P
Programmable Adaptive Laser Power Controller with Dual Lookup Tables
SML2120N SUMMIT-SML2120N Datasheet
1Mb / 32P
Programmable Adaptive Laser Power Controller with Dual Lookup Tables
More results

Similar Description - SML2108

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
LASER-DIODE DRIVER/CONTROLLER
M66516FP MITSUBISHI-M66516FP Datasheet
228Kb / 10P
LASER-DIODE DRIVER/CONTROLLER
logo
Summit Microelectronics...
SML2120 SUMMIT-SML2120 Datasheet
1Mb / 32P
Programmable Adaptive Laser Power Controller with Dual Lookup Tables
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
LASER DIODE CONTROLLER WITH APC
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
Laser Diode Driver/Controller
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
Laser Diode Driver/Controller
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com