Electronic Components Datasheet Search
  English  ▼

X  

SML2108 Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SML2108
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108 Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SML2108 Datasheet HTML 11Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 12Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 13Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 14Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 15Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 16Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 17Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 18Page - Summit Microelectronics, Inc. SML2108 Datasheet HTML 19Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
2053 2.2 11/07/00
SML2108
SUMMIT MICROELECTRONICS, Inc.
PRELIMINARY
In the write mode the SML2108 receives eight bits of data,
then generates an Acknowledge signal. It will continue to
generate ACKs until a Stop condition is generated by the
Master. See Figure 13.
Random Address Read
Random address Read operations allow the Master to
access any memory location in a random fashion. This
operation involves a two-step process. First, the master
issues a write command which includes the start condition
and the Slave address field (with the R/W bit set to Write)
followed by the address of the word it is to read. This
procedure sets the internal address counter of the
SML2108 to the desired address. After the word address
acknowledge is received by the Master, it immediately
reissues a start condition followed by another Slave ad-
dress field with the R/W bit set to Read. The SML2108 will
respond with an Acknowledge and then transmit the 8 data
bits stored at the addressed location. At this point, the
Master does not acknowledge the transmission, but does
generate a Stop condition. The SML2108 discontinues
data transmission.
Figure 12. Read
Figure 13. Write
Sequential READ
Sequential Reads can be initiated as either a current
address Read or a random access Read. The first word
is transmitted as with the other byte read modes (current
address byte Read or random address byte Read). How-
ever, the Master now responds with an Acknowledge,
indicating that it requires additional data. The SML2108
continues to output data for each Acknowledge received.
The Master terminates the sequential Read operation by
not responding with an Acknowledge, and issues a Stop
condition. During a sequential read operation the internal
address counter is automatically incremented with each
Acknowledge signal. For Read operations all address bits
are incremented, allowing the entire array to be read using
a single Read command. After a count of the last memory
address the address counter will ‘roll-over’ and the
memory will continue to output data.
The protocol for reading and writing to the registers and
the lookup table are illustrated in Figures 14 through 24.
Master
SDA
Slave
S
T
A
R
T
1 0
R
/
W
1 0
A
C
K
xx x W
xx x xx x xx
xx
xx
A
C
K
A
C
K
S
T
O
P
2053 Fig13
Master
SDA
Slave
S
T
A
R
T
1 0
R
/
W
1 0
A
C
K
xx x R
x x xx x xx
A
C
K
xx
xx
N
A
C
K
S
T
O
P
Optional
2053 Fig12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com