Electronic Components Datasheet Search
  English  ▼

X  

BBA03 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BBA03
Description  30-6000 MHz Flat Gain BroadBand AMP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA03 Datasheet(HTML) 1 Page - BeRex Corporation

  BBA03 Datasheet HTML 1Page - BeRex Corporation BBA03 Datasheet HTML 2Page - BeRex Corporation BBA03 Datasheet HTML 3Page - BeRex Corporation BBA03 Datasheet HTML 4Page - BeRex Corporation BBA03 Datasheet HTML 5Page - BeRex Corporation BBA03 Datasheet HTML 6Page - BeRex Corporation BBA03 Datasheet HTML 7Page - BeRex Corporation BBA03 Datasheet HTML 8Page - BeRex Corporation BBA03 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
30-6000 MHz Flat Gain BroadBand AMP
BBA03
1
Rev. 3.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
• Gain = 14.7 dB @ 900MHz
• OIP3 = 39.7 dBm @ 900 MHz
• Output P1 dB = 20.5 dBm @ 900 MHz
• N.F = 1.85dB @ 900 MHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-89 SMT package
The BBA03 is a BroadBand, GaAs E-pHEMT Ampli-
fier that is ideal for applications demanding high
linearity and gain flatness in a bandwidth of 30-
6000 MHz. The BBA03 is internally matched to 50
Ohms and requires no external matching compo-
nents. It is available in RoHS2-compliant SOT-89
SMT package. These devices are 100% DC and RF
tested to assure quality and performance.
Product Description
Device Features
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / EDGE / CDMA
• General Purpose Wireless
• IF amplifier, RF driver amplifier
Applications
Applications Circuit
BOM
0.03~1.5
0.5~4.0
1.5~3.5
4.0~5.0
C1
2.2nF
100pF
22pF
22pF
C2
2.2nF
100pF
22pF
22pF
C3
100pF
100pF
100pF
100pF
C4
1uF
1uF
1uF
1uF
C5
NC
NC
NC
0.3pF
L1
1uH
22nH
5.6nH
18nH
Electrical Specifications
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+170
°C
Supply Voltage
+7
V
Supply Current
190
mA
Input RF Power
20
dBm
20
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Min
Typ
Max
Unit
Bandwidth
30
6000
MHz
Id @ (Vd = 5V)
80
100
120
mA
Vd
4.75
5.0
5.25
V
dG/dT
-0.003
dB/°C
RTH
40.1
°C/W
Operating Case Temperature
-40
+105
°C
Recommended Operating Conditions
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=5V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
30
6000
MHz
Test Frequency
900
MHz
Gain
13.2
14.7
dB
Input Return Loss
-14.3
dB
Output Return Loss
-12.6
dB
Output IP3
6 dBm / tone ,
Δf=1 MHz
36.7
39.7
dBm
Output P1dB
19.5
20.5
dBm
LTE 20M ACLR
*
9.5
10.5
dBm
Noise Figure
1.85
dB
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
*ACLR Channel Power measured at -50dBc.


Similar Part No. - BBA03

ManufacturerPart #DatasheetDescription
logo
Amphenol LTW
BBA00010666 LTW-BBA00010666 Datasheet
419Kb / 2P
SSL1.2 2P F CONN. ASSY
2014-10-16
BBA00010666 LTW-BBA00010666 Datasheet
430Kb / 2P
SSL1.2 2P M CONN. ASSY
2014-10-16
BBA00010667 LTW-BBA00010667 Datasheet
419Kb / 2P
SSL1.2 2P F CONN. ASSY
2014-10-16
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
More results

Similar Description - BBA03

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
AVAGO TECHNOLOGIES LIMI...
AVT-50663 AVAGO-AVT-50663 Datasheet
367Kb / 13P
DC ??6000 MHz InGaP HBT Gain Block
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
50 ??6000 MHz InGaP HBT Gain Block
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
1-6000 MHz RF Gain Block
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
1-6000 MHz RF Gain Block
TRF37D73 TI1-TRF37D73 Datasheet
984Kb / 20P
1-6000 MHz RF Gain Block
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com