Electronic Components Datasheet Search
  English  ▼

X  

BBA03 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BBA03
Description  30-6000 MHz Flat Gain BroadBand AMP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA03 Datasheet(HTML) 2 Page - BeRex Corporation

  BBA03 Datasheet HTML 1Page - BeRex Corporation BBA03 Datasheet HTML 2Page - BeRex Corporation BBA03 Datasheet HTML 3Page - BeRex Corporation BBA03 Datasheet HTML 4Page - BeRex Corporation BBA03 Datasheet HTML 5Page - BeRex Corporation BBA03 Datasheet HTML 6Page - BeRex Corporation BBA03 Datasheet HTML 7Page - BeRex Corporation BBA03 Datasheet HTML 8Page - BeRex Corporation BBA03 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
30-6000 MHz Flat Gain BroadBand AMP
BBA03
2
Rev. 3.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
- 5G set-up: 3GPP 5G NR, 100MHz BW, ±100MHz offset, PAR 9.5 at 0.01% Prob.
V-I Characteristics
BeRex SOT89 Evaluation Board
Typical Performance (Vd=5V, Id=100mA, T=25°C)
Parameter
Frequency
Unit
100
900
2140
2650
3500
MHz
1800
4500
Gain
15.0
14.7
14.6
14.5
14.0
dB
14.6
14.5
S11
-17.0
-14.3
-26.2
-14.1
-8.7
dB
-19.1
-10.3
S22
-16.3
-12.6
-25.9
-14.7
-7.6
dB
-14.9
-6.5
OIP3
40.1
39.7
37.5
36.5
35.0
dBm
37.2
35.4
P1dB
20.5
20.5
20.0
19.0
18.0
dBm
20.1
18.6
LTE 20M ACLR
*
11.9
10.5
9.3
8.6
-
dBm
9.3
-
5G NR ACLR
*
-
-
-
-
8.0
dBm
-
8.3
Noise Figure
1.85
1.85
2.1
2.1
2.3
dB
1.95
2.6
*ACLR Channel Power measured at -50dBc.
*Dielectric constant _ 3.55 *RF pattern width 0.85T
*0.4T thick RO4003 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com