Electronic Components Datasheet Search
  English  ▼

X  

BBA03 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BBA03
Description  30-6000 MHz Flat Gain BroadBand AMP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA03 Datasheet(HTML) 4 Page - BeRex Corporation

  BBA03 Datasheet HTML 1Page - BeRex Corporation BBA03 Datasheet HTML 2Page - BeRex Corporation BBA03 Datasheet HTML 3Page - BeRex Corporation BBA03 Datasheet HTML 4Page - BeRex Corporation BBA03 Datasheet HTML 5Page - BeRex Corporation BBA03 Datasheet HTML 6Page - BeRex Corporation BBA03 Datasheet HTML 7Page - BeRex Corporation BBA03 Datasheet HTML 8Page - BeRex Corporation BBA03 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
30-6000 MHz Flat Gain BroadBand AMP
BBA03
4
Rev. 3.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2024 BeRex
Typical Device Data
S-parameters (Vd=5V, Id=100mA, T=25°C)
S-Parameter
(Vdevice = 5.0V, Id = 100mA, T = 25 °C, calibrated to device leads)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
200
0.11
-160.87
5.72
169.37
0.122
-2.93
0.12
-168.17
400
0.10
-169.18
5.70
162.61
0.121
-8.25
0.11
-175.47
1200
0.08
-135.77
5.70
130.75
0.120
-29.30
0.07
-131.45
2000
0.18
-101.35
5.71
97.42
0.114
-51.79
0.18
-93.41
2800
0.36
-108.33
5.64
61.99
0.104
-78.11
0.37
-100.82
3600
0.54
-126.85
5.48
26.39
0.081
-108.66
0.62
-125.34
4400
0.67
-150.13
4.92
-9.15
0.054
-146.29
0.78
-153.55
5200
0.70
177.78
4.20
-45.35
0.025
149.64
0.79
177.19
6000
0.61
135.16
3.33
-76.23
0.033
43.20
0.76
139.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com