Electronic Components Datasheet Search
  English  ▼

X  

ADF4108 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4108
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4108 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4108 Datasheet HTML 12Page - Analog Devices ADF4108 Datasheet HTML 13Page - Analog Devices ADF4108 Datasheet HTML 14Page - Analog Devices ADF4108 Datasheet HTML 15Page - Analog Devices ADF4108 Datasheet HTML 16Page - Analog Devices ADF4108 Datasheet HTML 17Page - Analog Devices ADF4108 Datasheet HTML 18Page - Analog Devices ADF4108 Datasheet HTML 19Page - Analog Devices ADF4108 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADF4108
Data Sheet
Rev. E | Page 16 of 20
FUNCTION LATCH
The on-chip function latch is programmed with C2 and C1 set
to 1 and 0, respectively. Figure 18 shows the input data format
for programming the function latch.
Counter Reset
DB2 (F1) is the counter reset bit. When this bit is 1, the R counter
and the AB counters are reset. For normal operation, this bit
should be 0. Upon powering up, the F1 bit needs to be disabled
(set to 0). Then, the N counter resumes counting in close alignment
with the R counter. (The maximum error is one prescaler cycle.)
Power-Down
DB3 (PD1) and DB21 (PD2) provide programmable power-down
modes. They are enabled by the CE pin.
When the CE pin is low, the device is immediately disabled
regardless of the states of PD2 and PD1.
In the programmed asynchronous power-down, the device
powers down immediately after latching a 1 into the PD1 bit,
with the condition that PD2 has been loaded with a 0.
In the programmed synchronous power-down, the device
power-down is gated by the charge pump to prevent unwanted
frequency jumps. Once the power-down is enabled by writing a 1
into PD1 (on condition that a 1 has also been loaded to PD2),
the device goes into power-down on the occurrence of the next
charge pump event.
When a power-down is activated (either synchronous or
asynchronous mode, including CE pin activated power-down),
the following events occur:
•
All active dc current paths are removed.
•
The R, N, and timeout counters are forced to their load
state conditions.
•
The charge pump is forced into three-state mode.
•
The digital lock detect circuitry is reset.
•
The RFIN input is debiased.
•
The reference input buffer circuitry is disabled.
•
The input register remains active and capable of loading
and latching data.
MUXOUT Control
The on-chip multiplexer is controlled by M3, M2, and M1 on
the ADF4108. Figure 18 shows the truth table.
Fastlock Enable Bit
DB9 of the function latch is the fastlock enable bit. Fastlock is
enabled only when this bit is 1.
Fastlock Mode Bit
DB10 of the function latch is the fastlock mode bit. When fastlock
is enabled, this bit determines which fastlock mode is used. If
the fastlock mode bit is 0, then Fastlock Mode 1 is selected; and
if the fastlock mode bit is 1, then Fastlock Mode 2 is selected.
Fastlock Mode 1
The charge pump current is switched to the contents of Current
Setting 2.
The device enters fastlock by having a 1 written to the CP gain
bit in the AB counter latch. The device exits fastlock by having a
0 written to the CP gain bit in the AB counter latch.
Fastlock Mode 2
The charge pump current is switched to the contents of Current
Setting 2.
The device enters fastlock by having a 1 written to the CP gain
bit in the AB counter latch. The device exits fastlock under the
control of the timer counter. After the timeout period determined
by the value in TC4:TC1, the CP gain bit in the AB counter
latch is automatically reset to 0 and the device reverts to normal
mode instead of fastlock. See Figure 18 for the timeout periods.
Timer Counter Control
The user has the option of programming two charge pump
currents. The intent is that Current Setting 1 is used when the
RF output is stable and the system is in a static state. Current
Setting 2 is meant to be used when the system is dynamic and
in a state of change (that is, when a new output frequency is
programmed).
The normal sequence of events is as follows:
The user initially decides what the preferred charge pump currents
are going to be. For example, the choice may be 2.5 mA as
Current Setting 1 and 5 mA as Current Setting 2.
At the same time, it must be decided how long the secondary
current is to stay active before reverting to the primary current.
This is controlled by the timer counter control bits, DB14:DB11
(TC4:TC1) in the function latch. The truth table is given in
Figure 18.
Now, to program a new output frequency, the user simply
programs the AB counter latch with new values for A and B.
At the same time, the CP gain bit can be set to 1, which sets the
charge pump with the value in CPI6:CPI4 for a period of time
determined by TC4:TC1. When this time is up, the charge pump
current reverts to the value set by CPI3:CPI1. At the same time,
the CP gain bit in the AB counter latch is reset to 0 and is now
ready for the next time the user wishes to change the frequency.
Note that there is an enable feature on the timer counter. It is
enabled when Fastlock Mode 2 is chosen by setting the fastlock
mode bit (DB10) in the function latch to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com