Electronic Components Datasheet Search
  English  ▼

X  

ADF4108 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4108
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4108 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4108 Datasheet HTML 12Page - Analog Devices ADF4108 Datasheet HTML 13Page - Analog Devices ADF4108 Datasheet HTML 14Page - Analog Devices ADF4108 Datasheet HTML 15Page - Analog Devices ADF4108 Datasheet HTML 16Page - Analog Devices ADF4108 Datasheet HTML 17Page - Analog Devices ADF4108 Datasheet HTML 18Page - Analog Devices ADF4108 Datasheet HTML 19Page - Analog Devices ADF4108 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADF4108
Rev. E | Page 17 of 20
Charge Pump Currents
CPI3, CPI2, and CPI1 program Current Setting 1 for the charge
pump. CPI6, CPI5, and CPI4 program Current Setting 2 for the
charge pump. The truth table is given in Figure 18.
Prescaler Value
P2 and P1 in the function latch set the prescaler values. The
prescaler value should be chosen so that the prescaler output
frequency is always less than or equal to 300 MHz. Thus, with
an RF frequency of 4 GHz, a prescaler value of 16/17 is valid but
a value of 8/9 is not valid.
PD Polarity
This bit sets the phase detector polarity bit. See Figure 18.
CP Three-State
This bit controls the CP output pin. With the bit set high, the
CP output is put into three-state. With the bit set low, the CP
output is enabled.
INITIALIZATION LATCH
The initialization latch is programmed when C2 and C1 are set
to 1 and 1. This is essentially the same as the function latch
(programmed when C2, C1 = 1, 0).
However, when the initialization latch is programmed, an
additional internal reset pulse is applied to the R and AB counters.
This pulse ensures that the AB counter is at load point when the
AB counter data is latched and the device will begin counting in
close phase alignment.
If the latch is programmed for synchronous power-down (CE
pin is high; PD1 bit is high; PD2 bit is low), the internal pulse
also triggers this power-down. The prescaler reference and the
oscillator input buffer are unaffected by the internal reset pulse
and so close phase alignment is maintained when counting
resumes.
When the first AB counter data is latched after initialization, the
internal reset pulse is again activated. However, successive AB
counter loads after this do not trigger the internal reset pulse.
Device Programming After Initial Power-Up
After initially powering up the device, there are three ways to
program the device.
Initialization Latch Method
1. Apply VDD.
2. Program the initialization latch (11 in 2 LSBs of input
word). Make sure that the F1 bit is programmed to 0.
3. Next, do a function latch load (10 in 2 LSBs of the control
word), making sure that the F1 bit is programmed to a 0.
4. Then do an R load (00 in 2 LSBs).
5. Then do an AB load (01 in 2 LSBs).
When the initialization latch is loaded, the following occurs:
1. The function latch contents are loaded.
2. An internal pulse resets the R, AB, and timeout counters to
load state conditions and also three-states the charge pump.
Note that the prescaler band gap reference and the oscillator
input buffer are unaffected by the internal reset pulse,
allowing close phase alignment when counting resumes.
3. Latching the first AB counter data after the initialization
word activates the same internal reset pulse. Successive AB
loads do not trigger the internal reset pulse unless there is
another initialization.
CE Pin Method
1. Apply VDD.
2. Bring CE low to put the device into power-down. This is an
asynchronous power-down in that it happens immediately.
3. Program the function latch (10).
4. Program the R counter latch (00).
5. Program the AB counter latch (01).
6. Bring CE high to take the device out of power-down. The R
and AB counters will now resume counting in close
alignment.
Note that after CE goes high, a duration of 1 μs may be required
for the prescaler band gap voltage and oscillator input buffer
bias to reach steady state.
CE can be used to power the device up and down to check for
channel activity. The input register does not need to be repro-
grammed each time the device is disabled and enabled as long
as it has been programmed at least once after VDD was initially
applied.
Counter Reset Method
1. Apply VDD.
2. Do a function latch load (10 in 2 LSBs). As part of this,
load 1 to the F1 bit. This enables the counter reset.
3. Do an R counter load (00 in 2 LSBs).
4. Do an AB counter load (01 in 2 LSBs).
5. Do a function latch load (10 in 2 LSBs). As part of this,
load 0 to the F1 bit. This disables the counter reset.
This sequence provides the same close alignment as the
initialization method. It offers direct control over the internal
reset. Note that counter reset holds the counters at load point
and three-states the charge pump, but does not trigger
synchronous power-down.
POWER SUPPLY CONSIDERATIONS
The ADF4108 operates over a power supply range of 3.2 V to
3.6 V. The ADP3300ART-3.3 is a low dropout linear regulator
from Analog Devices, Inc. It outputs 3.3 V with an accuracy of
1.4% and is recommended for use with the ADF4108.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com