Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7760
Description  AD7760/AD7762 Evaluation Board using EVAL-CED1Z
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices AD7760 Datasheet HTML 18Page - Analog Devices AD7760 Datasheet HTML 19Page - Analog Devices AD7760 Datasheet HTML 20Page - Analog Devices AD7760 Datasheet HTML 21Page - Analog Devices AD7760 Datasheet HTML 22Page - Analog Devices AD7760 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
EVAL-AD7760/AD7762EDZ
Rev. PrB | Page 19 of 23
ORDERING INFORMATION
BILL OF MATERIALS
Table 2.
Name
Value
PCB Decal
PART DESC
STOCK CODE
C1
33pF
0603
50V NPO Multilayer Ceramic Capacitor
FEC 498555
C2
33pF
0603
50V NPO Multilayer Ceramic Capacitor
FEC 498555
C3
2.2pF
0603
50V NPO Multilayer Ceramic Capacitor
FEC 721888
C4
0.1uF
0603
16V X7R Multilayer Ceramic Capacitor
FEC 9406140
C7
0.1uF
0402
16V Y5V Multilayer Ceramic Capacitor
FEC 3019482
C9
0.1uF
0603
16V X7R Multilayer Ceramic Capacitor
FEC 9406140
C10
n/a
0805
Optional Capacitor Footprint (0805)
Do not insert
C11
100uF
CAP\TAJ_C
10v Tantalum Capacitor
FEC 197180
C12
0.1uF
0603
16V X7R Multilayer Ceramic Capacitor
FEC 9406140
C13
n/a
R1W
Optional Capacitor Footprint (0805)
Do not insert
C14
33pF
0603
50V NPO Multilayer Ceramic Capacitor
FEC 498555
C15
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427
C16
47uF
CAP\TAJ_D
20V Tantalum Capacitor
FEC 197464
C17
22pF
0402
50V C0G Multilayer Ceramic Capacitor
FEC 8819629
C19
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C20
1uF
0805
16V X7R Multilayer Ceramic Capacitor
FEC 9527710
C21
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C22
1uF
0805
16V X7R Multilayer Ceramic Capacitor
FEC 9527710
C23
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C25
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C27
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C29
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C32
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427
C33
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427
C34
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427
C39
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427
C42
n/a
CAP\MR04
PTH Capacitor Location
Do not insert
C43
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C44
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C45
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C46
10nF
0402
16V X7R Multilayer Ceramic Capacitor
FEC 578149
C47
0.1uF
0805
50V X7R Multilayer Ceramic Capacitor
FEC 9406387
C48
0.1uF
0402
16V Y5V Multilayer Ceramic Capacitor
FEC 3019482
C50
0.1uF
0402
16V Y5V Multilayer Ceramic Capacitor
FEC 3019482
C52
0.1uF
0402
16V Y5V Multilayer Ceramic Capacitor
FEC 3019482
C53
0.1uF
0402
16V Y5V Multilayer Ceramic Capacitor
FEC 3019482
C54
0.1uF
0402
16V Y5V Multilayer Ceramic Capacitor
FEC 3019482
C56
0.1uF
0603
16V X7R Multilayer Ceramic Capacitor
FEC 9406140
C57
0.1uF
0402
16V Y5V Multilayer Ceramic Capacitor
FEC 3019482
C58
0.1uF
0603
16V X7R Multilayer Ceramic Capacitor
FEC 9406140
C59
10nF
0603
25V X7R Multilayer Ceramic Capacitor
FEC 499146
C61
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427
C62
0.1uF
0603
16V X7R Multilayer Ceramic Capacitor
FEC 9406140
C64
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427
C65
10uF
CAP\TAJ_B
20V Tantalum Capacitor
FEC 197427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com