Electronic Components Datasheet Search
  English  ▼

X  

AD7762 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7762
Description  AD7760/AD7762 Evaluation Board using EVAL-CED1Z
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7762 Datasheet HTML 3Page - Analog Devices AD7762 Datasheet HTML 4Page - Analog Devices AD7762 Datasheet HTML 5Page - Analog Devices AD7762 Datasheet HTML 6Page - Analog Devices AD7762 Datasheet HTML 7Page - Analog Devices AD7762 Datasheet HTML 8Page - Analog Devices AD7762 Datasheet HTML 9Page - Analog Devices AD7762 Datasheet HTML 10Page - Analog Devices AD7762 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
EVAL-AD7760/AD7762EDZ
Rev. PrB | Page 7 of 23
USING THE EVALUATION SYSTEM
HARDWARE CONNECTIONS
1.
Apply power to the EVAL-CED1Z via +7V, 15W power
supply provided with the EVAL-CED1Z board. At this
stage, the green LED labeled ‘Power’ on the EVAL-CED1Z
should be lighting. This indicates that the EVAL-CED1Z is
receiving power The USB cable can then be connected
between the PC and the EVAL-CED1Z.
2.
Connect the USB cable between the PC and the EVAL-
CED1Z. A green LED positioned beside the USB
connector on the EVAL-CEDZ board will light indicating
that the USB connection has been established.
3.
Power up the EVAL-AD7760/AD7762EDZ evaluation
board through Connector J2. Connect a wire from the V+
labeled connector to 7.5 V of an external power supply. Also
ensure that there is a GND connection between the GND of
J2 and the power supply GND connection
4.
Connect the female connector (J13, marked “CED1Z PPI”),
which is on the under side of the EVAL-
AD7760/AD7762EB evaluation board to the PPI header of
the EVAL-CED1Z board.
5.
Start the EVAL-AD7760/AD7762EDZ software.
The differential input to the AD7760/AD7762 device can be
connected to the black connector XLR connector (J1) marked
“Differential Input.” This differential input is routed to the inputs
of the AD7760/AD7762’s on-board differential amplifier. As
the software will power up the AD7760/2 device it is advisable
that users do not apply an analog input until the device is fully
powered up.
With the hardware set up, you can now use the software to
control the EVAL-CED1Z and the AD7760/AD7762 evaluation
board. To launch the software, from the Analog Devices menu
click on the AD7760_2 submenu, then click on the AD7760_2
icon.
Note: In the case where an Error message appears, click OK and
restart the application after checking the connection between
the adapter board and the USB port on the PC. Also, check that
the USB device is identified by the Device Manager as detailed
in the first time use of EVAL-CED1Z paragraph of Installing the
Software section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com