Electronic Components Datasheet Search
  English  ▼

X  

AD7762 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7762
Description  AD7760/AD7762 Evaluation Board using EVAL-CED1Z
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7762 Datasheet HTML 7Page - Analog Devices AD7762 Datasheet HTML 8Page - Analog Devices AD7762 Datasheet HTML 9Page - Analog Devices AD7762 Datasheet HTML 10Page - Analog Devices AD7762 Datasheet HTML 11Page - Analog Devices AD7762 Datasheet HTML 12Page - Analog Devices AD7762 Datasheet HTML 13Page - Analog Devices AD7762 Datasheet HTML 14Page - Analog Devices AD7762 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
EVAL-AD7760/AD7762EDZ
Rev. PrB | Page 11 of 23
DOWNLOADING A USER-DEFINED FILTER
The final stage of the AD7760/2 FIR filter can be programmed
to suit the user’s specific requirements. The filter designed must
correspond with the requirements listed in the datasheet – it
must be a symmetrical filter with an even number of
coefficients. The number of coefficients can be from 12 to 96.
• Due to the symmetry of the filter, the coefficients will
repeat. Thus, only half of the coefficients are required to
be sent to the AD7760/2 device.
• The AD7760/2 software reads the coefficients from a
text file and writes each coefficient to the AD7760/2.
The filter file should contain the correct checksum,
which is also written to the ADC, and the file must be in
the correct format.
14. An example of this format is shown in Figure 12. This
example corresponds to the example digital filter in the
Downloading A User Defined Filter section in the
AD7760/2 datasheet.
15. Each of the 32 bit words (in this case there are 12 words for
the coefficients + the checksum) are in a Hexadecimal
format – there must also be no spaces between the
characters and no text, spaces or notation before or after
any of the hex words to be written. The software
implements a text read from each line of the file and then
translates this value to the correct binary 32 –bit word to
be written to the AD7760/2 as per the description in the
datasheet.
Figure 12.Example of format required for filter coefficients to be downloaded
correctly.
16. To download a filter,
a)
Select the number of coefficients that will be
downloaded – this is half the filter length – so if you
have a 24 tap filter you select 12 in the drop down
selection shown in Figure 13.
Figure 13.Number of coefficients to be sent to the AD7760/2 device.
b)
Now click on the folder icon and browse to the
location of the filter text file. The install will have
placed a copy of the datasheet example at Program
files/Analog Device/ AD7760_2 this file is called
“filter_12c.txt”
Figure 14.Browse to select the specific text file.
c)
Finally click the “Configure Filter” button to
download the user-defined filter.
d)
Once this is done then, click the “Sample” button to
acquire a batch of samples from the AD7760/2 device.
e)
The filter example used in the AD7760/2 datasheet
will show a slower transition band. The FFT of this
filter implementation is shown in Figure 15. As
highlighted, the status bits output by the ADC will
show if the filter file has been downloaded correctly.
The indicators for the DL_OK, FILT_OK and UFILT
are all asserted to show a successful filter download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com