Electronic Components Datasheet Search
  English  ▼

X  

AD7762 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7762
Description  AD7760/AD7762 Evaluation Board using EVAL-CED1Z
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 3 Page - Analog Devices

  AD7762 Datasheet HTML 1Page - Analog Devices AD7762 Datasheet HTML 2Page - Analog Devices AD7762 Datasheet HTML 3Page - Analog Devices AD7762 Datasheet HTML 4Page - Analog Devices AD7762 Datasheet HTML 5Page - Analog Devices AD7762 Datasheet HTML 6Page - Analog Devices AD7762 Datasheet HTML 7Page - Analog Devices AD7762 Datasheet HTML 8Page - Analog Devices AD7762 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
EVAL-AD7760/AD7762EDZ
Rev. PrB | Page 3 of 23
HARDWARE DESCRIPTION
POWER SUPPLIES
The EVAL-AD776xEDZ must be powered using an external power
supply that applies a 7.5 V between the V+ and GND terminals
of Connector J2.
This 7.5 V supply is then regulated on board using ADP3334
devices (U9 and U6) to provide the 2.5 V and 5 V signals required
by the AD7760/AD7762 device. Supplies AVDD2, AVDD3, and
AVDD4 are the 5 V supplies to the AD7760/AD7762 device. A
voltage of 2.5 V. supplies the AD7760/AD7762 pins AVDD1,
VDRIVE, and DVDD.
A separately regulated 2.5 V supply is used to power all digital
functionality on the EVAL-AD7760/AD7762EDZ excluding the
AD7760/AD7762 device. An individually regulated 5 V supply
also supplies the crystal oscillator and clock buffer devices on the
EVAL-AD7760/AD7762EDZ. Setting LK1 to A means that the
MCLK buffer is powered by 5 V, enabling the AD7760/AD7762
device to be operated using an MCLK signal with amplitude of
5 V.
DIFFERENTIAL INPUT
The differential input to the AD7760/AD7762 device is applied
through the connector marked J1. This is an XLR audio
standard connector. The differential inputs are routed through
the AD7760/AD7762 on-board differential amplifier using the
external circuit components as detailed in the AD7760/
AD7762 data sheets.
STANDALONE OPERATION
The EVAL-AD776xEDZ can be used in a standalone manner
(that is, without using the EVAL-CED1Z). In this case, however,
the user must provide all the required interface communications
and be able to provide a means to acquire the output data from the
board.
DECOUPLING AND LAYOUT RECOMMENDATIONS
The data sheets of the AD7760, AD7762, and AD7763 devices
contain specific information about the decoupling and layout
recommendations required to achieve the optimum specifications.
The EVAL-AD7760/AD7762EDZ adheres to these recom-
mendations completely and is designed as the blueprint for
users of the AD7760, AD7762 devices. The Gerber files for the
EVAL-AD7760/2EDZ board are available for download from
the AD7760 or AD7762 product pages at www.analog.com
The EVAL-AD7760/AD7762EDZ is 4-layer boards. One layer is
a dedicated ground plane. All supplies to devices on the EVAL-
AD7760/AD7762EDZ are decoupled to this ground plane. In
addition to the PCB’s top and bottom layers, there is also a layer
for routing power signals. All layers of the board are detailed in
the Evaluation Board Schematic and Artwork section.
In addition, the exposed paddle of an AD7760, AD7762 device
is connected by multiple vias to this ground plane. The exposed
paddle is not connected to any of the ground pins on the
AD7760, AD7762 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com