Electronic Components Datasheet Search
  English  ▼

X  

FS4101D Datasheet(PDF) 27 Page - Positronic.

Part # FS4101D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4101D Datasheet(HTML) 27 Page - Positronic.

Back Button FS4101D Datasheet HTML 23Page - Positronic. FS4101D Datasheet HTML 24Page - Positronic. FS4101D Datasheet HTML 25Page - Positronic. FS4101D Datasheet HTML 26Page - Positronic. FS4101D Datasheet HTML 27Page - Positronic. FS4101D Datasheet HTML 28Page - Positronic. FS4101D Datasheet HTML 29Page - Positronic. FS4101D Datasheet HTML 30Page - Positronic. FS4101D Datasheet HTML 31Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
NOTES
*1 Not available on shell size 6, CBD 46W4.
*2 For additional information on accessories listed in steps
5, 6, 7 and 10, see Accessory Catalog.
*3 When using G hood with CBD variants, use the extended height hood.
See Accessories Catalog for extended G hood options.
*4 For stainless steel dimpled male versions, contact Technical Sales.
*5 Not available when using 2WK2, 3W3, 3WK3, 5W5, 8W8, instead use B,
R, R3, R4, or R5.
STEP 2 - CONNECTOR VARIANTS
Shell Size 1 - 2WK2, 5W1
Shell Size 2 - 3W3, 3WK3, 7W2, 11W1
Shell Size 3 - 5W5, 9W4, 13W3, 17W2, 21W1
Shell Size 4 - 8W8, 13W6, 17W5, 21WA4,
25W3, 27W2
Shell Size 5 - 24W7, 36W4, 43W2, 47W1
Shell Size 6 - 46W4
STEP 1 - BASIC SERIES
CBD – Professional/Industrial Quality,
see Step 3.
CBM – Military conformance with
“closed entry” female signal con-
tacts plated 0.000050 [1.27µ]
gold over nickel plate. Choose
“S” or “M” in Step 3.
ORDERING INFORMATION - CODE NUMBERING SYSTEM
Specify Complete Connector By Selecting An Option From Step 1 Through 8
STEP 3 - CONNECTOR GENDER
F - Female - Professional Level -
Open Entry Signal Contacts
M - Male
S - Female - Industrial / Military Level -
PosiBand Closed Entry Signal Contacts
1
2
3
4
5
6
7
8
9
CBD
17W2
F
55
R7
N
T2
X
/AA
10
-14
*2 STEP 10 - SPECIAL OPTIONS
FOR SPECIAL OPTIONS, SEE
SPECIAL OPTIONS APPENDIX
ON PAGE 81.
CONTACT TECHNICAL SALES
FOR ORDERING DETAILS OF
THE FOLLOWING:
Other Special Requirements.
Straight / Right Angle Thermocouple
PCB mount contacts.
STEP 8 - SHELL OPTIONS
0 – Zinc Plated, with Chromate Seal.
*4 S – Stainless Steel, passivated.
X – Tin Plated.
Z – Tin Plated and Dimpled (male connectors only).
*2 STEP 5 - MOUNTING STYLE
0 – Mounting Hole, 0.120 [3.05] Ø
02 – Mounting Hole, 0.154 [3.91] Ø
*5 B3 – Bracket, Mounting, Right Angle (90°) Metal with Cross Bar
*5 B8 – Bracket, Mounting, Right Angle (90°) Plastic with Cross Bar
F – Float Mounts, Universal
P – Threaded Post, Brass, 0.250 [6.35] Length
P2 – Threaded Post, Nylon, 0.250 [6.35] Length
*5 R2 – Bracket, Mounting, Right Angle (90°) Metal, Swaged to Connector with 4-40
Thread Fixed Female Jackscrews with Cross Bar
*5 R6 – Bracket, Mounting, Right Angle (90°) Metal, Swaged to Connector with 0.120
[3.05] Ø Mounting Hole with Cross Bar
*5 R7 – Bracket, Mounting, Right Angle (90°) Metal, Swaged to Connector with 4-40
Threads with Cross Bar
*5 R8 – Bracket, Mounting, Right Angle (90°) Metal, Swaged to Connector with 4-40
Locknut with Cross Bar
S – Swaged Spacer, 4-40 Threads, 0.250 [6.35] Length, Spacer length changes
to 0.265 [6.73] when used in conjunction with Code 93 contacts
S2 – Swaged Spacer, 4-40 Threads, 0.125 [3.18] Length
S5 – Swaged Locknut, 4-40 Threads
S6 – Swaged Spacer with Push-on Fastener, 4-40 Threads, 0.250 [6.35] Length
STEP 4 - CONTACT TERMINATION TYPE
0 – Connector ordered without size 8 power, shielded, air or high voltage
removable contacts. See pages 60-88 for contact part
numbers. Available on 2WK2, 3W3, 3WK3, 5W5 and 8W8.
2 – Fixed Solder Cup, Signal Contacts only.
3 – Solder, Straight Printed Board Mount with Signal Contacts, 0.170
[4.32] Tail Length.
35 – Solder, Straight Printed Board Mount with Signal and 0.078 [1.98] Ø
Power Contacts, 0.170 [4.32] Tail Length.
36 – Solder, Straight Printed Board Mount with Signal and 0.094 [2.39] Ø
Power Contacts, 0.170 [4.32] Tail Length.
37 – Solder, Straight Printed Board Mount with Signal and 0.125 [3.18] Ø
Power Contacts, 0.170 [4.32] Tail Length.
5 – Solder, Right Angle (90°) Printed Board Mount with Signal Contacts
only, 0.283 [7.19] Signal Contact Extension.
55 – Solder, Right Angle (90°) Printed Board Mount with Signal and 0.078
[1.98] Ø Power Contacts, 0.283 [7.19] Signal Contact Extension.
57 – Solder, Right Angle (90°) Printed Board Mount with Signal and 0.125
[3.18] Ø Power Contacts, 0.283 [7.19] Signal Contact Extension.
65 – Solder, Straight Printed Board Mount with Signal and Shielded Contacts
MDS/FDS 4201D footprint, 0.170 [4.32] Signal Contact Tail Length.
7 – Solder, Metric System Right Angle (90°) Printed Board Mount
with Signal Contacts only, 0.370 [9.40] Signal Contact Extension.
75 – Solder, Metric System Right Angle (90°) Printed Board Mount with Signal and
0.078 [1.98] Ø Power Contacts, 0.370 [9.40] Signal Contact Extension.
77 – Solder, Metric System Right Angle (90°) Printed Board Mount
with Signal and 0.125 [3.18] Ø Power Contacts, 0.370 [9.40] Signal
Contact Extension.
*1 85 – Solder, Right Angle (90°) Printed Board Mount with Signal and
Shielded Contacts MRT/FRT 4201D footprint, 0.283 [7.19] Signal
Contact Extension.
93 – Size 20 Omega type compliant and Size 8 Bi-Spring type compliant,
termination length 0.225 [5.72].
STEP
STEP 9 - ENVIRONMENTAL
COMPLIANCE OPTIONS
/AA - RoHS Compliant
*2 STEP 7 - LOCKING AND POLARIZING SYSTEMS
0
– None.
V3 – Lock Tab, connector front panel mounted.
V5 – Lock Tab, connector rear panel mounted.
VL – Lock Lever, used with Hoods only.
T
– Fixed Female Jackscrews.
T2 – Fixed Female Jackscrews.
T6 – Fixed Male and Female Polarized Jackscrews.
E
– Rotating Male Jackscrews.
E2 – Rotating Male Screw Locks.
E3 – Rotating Male with Internal Hex for 3/32 Hex Drives
E6 – Rotating Male and Female Polarized Jackscrews.
NOTE: If compliance to environmental
legislation is not required, this step will not be
used. Example: CBD17W2F55R7NT2X
EXAMPLE
*2 STEP 6 - HOODS AND PUSH-ON FASTENERS
0 – None
AN – Lightweight Aluminum Hood, nickel finish.
AC – Lightweight Aluminum Hood, no finish.
Z – Hood, Top or Side Opening, robust extended height, plastic and
composite, with rotating male jackscrews, shell sizes 1 through 5
H – Hood, Top Opening, Metal, shell sizes 2 through 5
*3 G – Hood, EMI/RFI, Die Cast Zinc, shell sizes 1 through 6
N – Push-on Fastener, for Right Angle (90°) Mounting Brackets
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com
21
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com