Electronic Components Datasheet Search
  English  ▼

X  

FS4101D Datasheet(PDF) 54 Page - Positronic.

Part # FS4101D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4101D Datasheet(HTML) 54 Page - Positronic.

Back Button FS4101D Datasheet HTML 50Page - Positronic. FS4101D Datasheet HTML 51Page - Positronic. FS4101D Datasheet HTML 52Page - Positronic. FS4101D Datasheet HTML 53Page - Positronic. FS4101D Datasheet HTML 54Page - Positronic. FS4101D Datasheet HTML 55Page - Positronic. FS4101D Datasheet HTML 56Page - Positronic. FS4101D Datasheet HTML 57Page - Positronic. FS4101D Datasheet HTML 58Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
ORDERING INFORMATION - CODE NUMBERING SYSTEM
Specify Complete Connector By Selecting An Option From Step 1 Through 8
STEP 3 - CONNECTOR GENDER
F - Female - Professional Level -
Open Entry Signal Contacts
M - Male
S - Female - Industrial / Military Level -
PosiBand Closed Entry Signal Contacts
Military gold plating is optional.
1
2
3
4
CBDPB 9W4
F
N7T
5
6
7
8
9
9W4
F
N7T
0
/AA
10
-14
STEP 1 - BASIC SERIES
*1 CBDPB Series
*1 CBDPC Series
STEP 10 - SPECIAL OPTIONS
FOR SPECIAL OPTIONS, SEE
SPECIAL OPTIONS APPENDIX
ON PAGE 81.
STEP 8 - SHELL OPTIONS
0 – Zinc Plated, with Chromate Seal.
*2 S – Stainless Steel, passivated.
X – Tin Plated.
Z – Tin Plated and Dimpled (male connectors only)
STEP 4 - LOCKING, POLARIZING, MOUNTING
AND PUSH-ON FASTENER SYSTEMS
0 – None
R2 – Bracket, Mounting, Right Angle (90°) Metal, Swaged
to Connector with 4-40 Thread, Fixed Female
Jackscrews and Cross Bar
R6 – Bracket, Mounting, Right Angle (90°) Metal, Swaged
to Connector with 0.120 [3.05] Ø Mounting Hole with
Cross Bar
R7 – Bracket, Mounting, Right Angle (90°) Metal, Swaged
to Connector with 4-40 Threads with Cross Bar
R8 – Bracket, Mounting, Right Angle (90°) Metal, Swaged
to Connector with 4-40 Locknut with Cross Bar
N2 – Bracket, Mounting, Right Angle (90°) Metal, Swaged
to Connector with 4-40 Thread, Fixed Female
Jackscrews with Cross Bar and Push-On Fastener
N6 – Bracket, Mounting, Right Angle (90°) Metal, Swaged
to Connector with 0.120 [3.05] Ø Mounting Hole with
Cross Bar and Push-on Fastener
N7 – Bracket, Mounting, Right Angle (90°) Metal, Swaged
to Connector with 4-40 Threads with Cross Bar and
Push-on Fastener
N8 – Bracket, Mounting, Right Angle (90°) Metal, Swaged
to Connector with 4-40 Locknut with Cross Bar and
Push-on Fastener
V3 – Lock Tab.
V5 – Lock Tab, connector rear panel mounted.
T – Fixed Female Jackscrews
T2 – Fixed Female Jackscrews
T6 – Fixed Male and Female Polarized Jackscrews
STEP 2 - CONNECTOR VARIANTS
Shell Size 1
2WK2, 5W1
Shell Size 2
3W3, 3WK3, 7W2, 11W1
Shell Size 3
5W5, 9W4, 13W3, 17W2, 21W1
Shell Size 4
8W8, 13W6, 17W5, 21WA4, 25W3, 27W2
STEP
EXAMPLE
STEP 9 - ENVIRONMENTAL
COMPLIANCE OPTIONS
/AA - RoHS Compliant
NOTE: If compliance to environmental
legislation is not required, this step will not be
used. Example: CBDPB9W4FN7T/9W4FN7T0
UPPER
CONNECTOR
LOWER
CONNECTOR
NOTE: Size 8 removable power contacts with solder or crimp
terminations with power ratings of 10, 20 and 40
amperes may be ordered in lieu of the right angle (90°)
board mounted power contact. Removable size 8
shielded, air and high voltage contacts may also be
ordered separately in lieu of the power contact. See
pages 68-80 for contact part numbers.
OPTIONS ARE
THE SAME AS
FOR UPPER
CONNECTOR
STEPS 2, 3,
AND 4
/
For crimping information and crimp tools,
see Application Tools section, page 82.
NOTE
*1 Contacts can be supplied with Military contact plating, see page 81.
*2 For stainless steel dimpled male versions, contact Technical Sales.
2D Drawing
3D Model
NOTE: If you would like a 2D drawing or 3D model, once you’ve made
your connector selection, please visit www.connectpositronic.com.
If you can’t find your specific part number on our web site, contact
Technical Sales to have one created.
48
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
VERTICALLY STACKED STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com