Electronic Components Datasheet Search
  English  ▼

X  

FS4101D Datasheet(PDF) 51 Page - Positronic.

Part # FS4101D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4101D Datasheet(HTML) 51 Page - Positronic.

Back Button FS4101D Datasheet HTML 47Page - Positronic. FS4101D Datasheet HTML 48Page - Positronic. FS4101D Datasheet HTML 49Page - Positronic. FS4101D Datasheet HTML 50Page - Positronic. FS4101D Datasheet HTML 51Page - Positronic. FS4101D Datasheet HTML 52Page - Positronic. FS4101D Datasheet HTML 53Page - Positronic. FS4101D Datasheet HTML 54Page - Positronic. FS4101D Datasheet HTML 55Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
4 ROW CONNECTOR UNIT, 0.283 [7.19] CONTACT EXTENSION
See temperature rise curves on pages 1 and 2
NOTE:
30 ampere 0.125 [3.18]
Ø power contacts may
be ordered at special
request for a limited
number of CBDP
variants. Contact
technical sales for
details.
Note: Printed board power contacts (size 8) may be replaced with a
size 8 removable power, shielded, air or high voltage contact
having solder or crimp terminations.
4-40 UNC THDS.
TYP. 4
0.247 [6.27]
0.170 [4.32]
0.494 [12.55]
0.745 [18.92]
0.283 [7.19] TYP.
0.112 [2.84] TYP.
0.112 [2.84] TYP.
0.150 [3.81] TYP.
0.220 [5.59] MAX.
±0.003
0.028 Ø TYP.
[0.71]
±0.003
0.078 Ø TYP.
[1.98]
±0.010
0.270 [6.86]
±0.008
0.036 [0.91]
±0.010
0.580 [14.73]
Typical Part Number:
CBDPB7W2MN8T2/7W2MN8T6X
CONNECTOR
VARIANT
A
B
SHELL SIZE 1
1.213
[30.81]
0.984
[24.99]
SHELL SIZE 2
1.541
[39.14]
1.312
[33.32]
SHELL SIZE 3
2.088
[53.04]
1.852
[47.04]
SHELL SIZE 4
2.729
[69.32]
2.500
[63.50]
CONNECTOR
DESIGNATION
C
D
E
CBDPB
0.750
[19.05]
1.244
[31.60]
0.256
[6.50]
CBDPC
0.900
[22.86]
1.394
[35.41]
0.406
[10.31]
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
VERTICALLY STACKED STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com
45
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com