Electronic Components Datasheet Search
  English  ▼

X  

A02 Datasheet(PDF) 3 Page - APEM

Part # A02
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A02 Datasheet(HTML) 3 Page - APEM

  A02 Datasheet HTML 1Page - APEM A02 Datasheet HTML 2Page - APEM A02 Datasheet HTML 3Page - APEM A02 Datasheet HTML 4Page - APEM A02 Datasheet HTML 5Page - APEM A02 Datasheet HTML 6Page - APEM A02 Datasheet HTML 7Page - APEM A02 Datasheet HTML 8Page - APEM A02 Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
G-18
APEM
www.apem.com
A02 series
Flush mounting pushbutton switches and indicators
Panel cut-out Ø 30 (1.181)
G
A pushbutton assembly requires
:
screen + lamp (if illuminated) + operator + one or two switch blocks.
An indicator assembly requires
: screen + lamp + operator
To order these elements, select desired model numbers from tables below.
Example
: IP65 illum. flush mounting maintained pushbutton, switch block with 2 N.O. contacts,
red screen and 12V red LED assembly = A0263B, A0244J1, A0213X and A02503UL.
N.C.
N.O.
N.O./N.C.
❶
❷
❸❹
Screen
Lamp
Operator
Switch block
SCREEN ENGRAVING / INSERTABLE LEGENDS : contact APEM.
Bezel:
rectangular,
square,
round,
‘Illum’ - illuminated,
‘Non-illum’ - non illuminated
Second switch block
White or blue LED assembly :
contact APEM.
To achieve 3 or 4 pole switching,
add second switch block, from
above table.
Std bezel material : silver anodised aluminium.
For optional black anodised aluminium, add “G”
to end of operator model number.
UNSEALED SWITCHES (IP40)
:
add “01” to end of operator model number.
(1.338)
(.826)
(1.181)
34.00
21.00
(1.378DIA)
Ø35.00
30.00
DECOUPE DU PANNEAU
(1.378DIA)
Ø35.00
PANEL CUT-OUT
Bezel
Colour
Part No
black
A0263A
red
A0263B
amber
A0263C
yellow
A0263D
green
A0263E
blue
A0263F
clear
A0263G
white
A0263J
Lamp
Voltage
Part No
Filament
6.3V
A0141A
Filament
14V
A0141B
Filament
28V
A0141C
Filament
36V
A0141D
Filament
48V
A0141E
Filament
60V
A0141F
Neon
110V
A0143G
Neon
220V
A0143H
LED
model numbers: see A01
pages G6-G7.
LED assy
6V
A0244H*
LED assy
12V
A0244J*
LED assy
24V
A0244K*
Replace * with colour code
1
: red
for LED assemblies:
2
: green
3
: amber
Bezel
Description
Lamp type
Part No
Illum, momentary
Lamp/LED
A0214Y
Illum, maintained
Lamp/LED
A0214X
Illum, momentary
LED assy
A0213Y
Illum, maintained
LED assy
A0213X
Non-illum, momentary
A0215Y
Non-illum, maintained
A0215X
Illum, indicator
Lamp/LED
A02791
Illum, indicator
LED assy
A02792
Contacts
Part No
1 N.O.
A02501UL
1 N.C.
A02502UL
2 N.O.
A02503UL
2 N.C.
A02504UL
1 N.O./1 N.C.
A02505UL
Contacts
Part No
1 N.O.
A02506UL
1 N.C.
A02507UL
2 N.O.
A02508UL
2 N.C.
A02509UL
1 N.O./1 N.C.
A02510UL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com