Electronic Components Datasheet Search
  English  ▼

X  

A02 Datasheet(PDF) 6 Page - APEM

Part # A02
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A02 Datasheet(HTML) 6 Page - APEM

Back Button A02 Datasheet HTML 2Page - APEM A02 Datasheet HTML 3Page - APEM A02 Datasheet HTML 4Page - APEM A02 Datasheet HTML 5Page - APEM A02 Datasheet HTML 6Page - APEM A02 Datasheet HTML 7Page - APEM A02 Datasheet HTML 8Page - APEM A02 Datasheet HTML 9Page - APEM A02 Datasheet HTML 10Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
APEM
www.apem.com
G-21
G
A02 series
Keylock switches
Panel cut-out Ø 22 or 29,5 x 21,5
C
B
A
(.827)
(1.142)
(1.319)
29.00
21.00
33.50
29.00x29.00
(1.142 SQ)
Ø29.00
(1.142 DIA)
33.50
(1.319)
21.00
(.827)
36.00
(1.417)
A keyswitch assembly requires
:
operator + one or two switch blocks.
To order these elements, select desired model numbers from tables below.
Example
: IP65 square 2 position keyswitch, clockwise rotation, switch block with 2 N.O.
contacts = A028220 and A02503UL.
N.C.
N.O.
N.O./N.C.
• Key Rotation - 2 position switches
The model numbers shown are for switches
with clockwise key rotation.
For anticlockwise rotation, replace:
20
with
01
19
with
02
at the end of the model number
•2 standard keys are supplied.
•20 key barrel types available from stock.
Non-removable key positions
: contact
APEM.
Operator
Switch block
Bezel:
rectangular,
square,
round,
Second switch block
To achieve 3 or 4 pole switching,
add second switch block, from
above table
Key positions
❷
OPTION
To specify flush mounting (30 mm Ø) option,
add “FM” to the end of the part number (for
round operators only). Example : A028320FM.
Bezel
Description
Part No
Key removable
in positions
2 pos. maintained
A028120•
A-B
2 pos. momentary
A028119•
A
3 pos. maintained
A028105
A-B-C
3 pos. momentary
A028106
A
3 pos. mainL, momR
A028107
A-B
3 pos. momL, mainR
A028108
A-C
2 pos. maintained
A028220•
A-B
2 pos. momentary
A028219•
A
3 pos. maintained
A028205
A-B-C
3 pos. momentary
A028206
A
3 pos. mainL, momR
A028207
A-B
3 pos. momL, mainR
A028208
A-C
2 pos. maintained
A028320•
A-B
2 pos. momentary
A028319•
A
3 pos. maintained
A028305
A-B-C
3 pos. momentary
A028306
A
3 pos. mainL, momR
A028307
A-B
3 pos. momL, mainR
A028308
A-C
Contacts
Part No
1 N.O.
A02501UL
1 N.C.
A02502UL
2 N.O.
A02503UL
2 N.C.
A02504UL
1 N.O./1 N.C.
A02505UL
Contacts
Part No
1 N.O.
A02506UL
1 N.C.
A02507UL
2 N.O.
A02508UL
2 N.C.
A02509UL
1 N.O./1 N.C.
A02510UL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com