Electronic Components Datasheet Search
  English  ▼

X  

A02 Datasheet(PDF) 8 Page - APEM

Part # A02
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A02 Datasheet(HTML) 8 Page - APEM

Back Button A02 Datasheet HTML 2Page - APEM A02 Datasheet HTML 3Page - APEM A02 Datasheet HTML 4Page - APEM A02 Datasheet HTML 5Page - APEM A02 Datasheet HTML 6Page - APEM A02 Datasheet HTML 7Page - APEM A02 Datasheet HTML 8Page - APEM A02 Datasheet HTML 9Page - APEM A02 Datasheet HTML 10Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
APEM
www.apem.com
G-23
G
A02 series
Mushroom head pushbutton switches
Panel cut-out Ø 22 (.866)
• Prominent 40 mm (1.575) dia. mushroom actuator or optional 26 mm (1.024) actuator
• Momentary and maintained functions
Momentary function versions are unmarked
Maintained function versions are twist to release (arrows indicate direction of twist)
• Various coloured mushroom actuators are available
N.C.
N.O.
N.O./N.C.
(.827)
(1.142)
29.00
21.00
Ø40.00
(1.575 DIA)
Operator
Switch block
❶
❷
Bezel
Description
Part No
Black momentary
A02MMA
Red momentary
A02MMB
Yellow momentary
A02MMD
Green momentary
A02MME
Blue momentary
A02MMF
Black maintained
A02MXA
Red maintained
A02MXB
Yellow maintained
A02MXD
Green maintained
A02MXE
Blue maintained
A02MXF
Contacts
Part No
1 N.O.
A02501UL
1 N.C.
A02502UL
2 N.O.
A02503UL
2 N.C.
A02504UL
1 N.O./1 N.C.
A02505UL
Second switch block
Contacts
Part No
1 N.O.
A02506UL
1 N.C.
A02507UL
2 N.O.
A02508UL
2 N.C.
A02509UL
1 N.O./1 N.C.
A02510UL
To achieve 3 or 4 pole switching,
add second switch block, from
above table
OPTION
For optional reduced (Ø 26 mm) mushroom
head operators : contact APEM.
Bezel:
round



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com