Electronic Components Datasheet Search
  English  ▼

X  

AV22LC402 Datasheet(PDF) 13 Page - APEM

Part # AV22LC402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LC402 Datasheet(HTML) 13 Page - APEM

Back Button AV22LC402 Datasheet HTML 9Page - APEM AV22LC402 Datasheet HTML 10Page - APEM AV22LC402 Datasheet HTML 11Page - APEM AV22LC402 Datasheet HTML 12Page - APEM AV22LC402 Datasheet HTML 13Page - APEM AV22LC402 Datasheet HTML 14Page - APEM AV22LC402 Datasheet HTML 15Page - APEM AV22LC402 Datasheet HTML 16Page - APEM AV22LC402 Datasheet HTML 17Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
B-100
APEM
www.apem.com
AV series
Security pushbutton switches
Bushing Ø 19 (.748) - momentary (NO)
AV series
Security pushbutton switches
Bushing Ø 19 (.748) - other electrical functions
B
OTHER CONFIGURATIONS
Curved actuator
Screw terminals
AV19•003C900
Solder lug / quick-connect terminals
AV19•003C200
With knurled nut for matrix mounting 25 (.984) x 25 (.984)
Flat actuator, screw term.
Curved actuator, screw term.
AV9P•003C900
AV9B•003C900
Flat actuator, solder lug term.
Curved act., solder lug term.
AV9P•003C200
AV9B•003C200
Wrench available
under P/N U1929.
Ø15.00
(.590DIA)
Ø22.00
Ø15.00
(.866DIA)
(.590DIA)
(.866DIA)
Ø22.00
25.00
25.00
(.984)
(.984)
(.590DIA)
(.866DIA)
Ø15.00
Ø22.00
Case style
: replace • with 1 for short case and 0 for long case.
Bushing Ø 19 (748) - combined NC/NO - AV..9035
Ø19.00x1.00 SI
(.748DIAx1.00 IS)
2.00
(.078)
3.00
(.118)
15.00
(.590)
7.50
(.295)
5.20
(.204)
(.141)
3.60
(.047)
1.20
Hex nut 22 (.866) across flats
• Single pole, solder lug terminals
• Gold plated silver contacts
•Current/voltage rating with resistive load :
max. : 1A 30V - min : 10µA 5V
Note : a current above 100mA damages the gold plating.
• Dielectric strength : 1.000 Vrms between terminals
2.000 Vrms between terminals and frame
• Electrical life : 250.000 cycles at full load
• Mechanical life : 1.000.000 cycles
• Packaging unit : 20 pieces
• Further specifications : see previous page.
Flat actuator
Curved actuator
AV099035D200
AV199035D200
Bushing/actuator materials, marking and sealing : see ”options” page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com