Electronic Components Datasheet Search
  English  ▼

X  

AV22LC402 Datasheet(PDF) 19 Page - APEM

Part # AV22LC402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LC402 Datasheet(HTML) 19 Page - APEM

Back Button AV22LC402 Datasheet HTML 12Page - APEM AV22LC402 Datasheet HTML 13Page - APEM AV22LC402 Datasheet HTML 14Page - APEM AV22LC402 Datasheet HTML 15Page - APEM AV22LC402 Datasheet HTML 16Page - APEM AV22LC402 Datasheet HTML 17Page - APEM AV22LC402 Datasheet HTML 18Page - APEM AV22LC402 Datasheet HTML 19Page - APEM AV22LC402 Datasheet HTML 20Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
B-106
APEM
www.apem.com
AV series
Snap-action security pushbuttons with overmolded actuator
Bushing Ø 19 (.748) - illuminated or not - momentary (NO)
B
New!
SPECIFICATIONS
• Max. current/voltage rating with resistive load : 50mA 24VDC
• LED voltage and consumption : 2-colour LED : 2V (3V max.) 20mA
Other colours : 2V (3V max.) 10mA
A resistor must be series-connected by the user.**
• Initial contact resistance : 100 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 500 Vrms 50 Hz min. between terminals
2.000 Vrms 50 Hz min. between terminals and bushing
• Electrical life : 1.000.000 cycles at full load
• Operating force : 7 N +/-2N
• Travel : 0,7 mm (.027) +/- 0,1 mm (.003)
•Torque : 5 Nm min.- 14 Nm max. applied to nut
• Panel thickness : 1 (.039) to 11 mm (.433) max.
• Operating temperature : -30°C to +70°C
• Soldering : 270°C max. during 3 sec.
• Packaging unit : 40 pieces
** Resistor value = supply voltage - LED forward voltage
LED forward current
MATERIALS
• Case : PBT UL94-V0
• Terminals : brass, gold plated
• Contacts : gold plated dome
• Bushing : brass, nickel plated (std)
• Actuator : stainless steel, with
thermoplastic overmolding
• LED
CUT
-OUTS
• Panel cut-out : Ø 19,2 mm (.755)
• Min. pitch for matrix mounting :
30 mm (1.181) x 30 mm (1.181)
NO
(function 3)
ORDER FORMAT
Series Bush./act.
config.
Illum.
or not
Contact
matl.
Term.
type
Bush.
material
Actuator
style
LED
colour
Seal.
AV
9
0
S0
SL
2
4
D
Over-
molding
K
See ”options” on next page.
Solder lug terminals
Hex nut 22 (.866) across flats
(.385)
(.078)
(.118)
9.80
2.00
3.00
4.30
(.169)
4.15
(.163)
1.90
(.074)
EPOXY
(.078)
2.00
Also available with bushing Ø 22 (.866) : on request.
Illuminated
AV9SLD2
Non illuminated
AV9S0D2
Straight PC terminals
Hex nut 22 (.866) across flats
(.385)
(.078)
(.118)
9.80
2.00
3.00
4.30
(.169)
6.00
(.236)
EPOXY
(.078)
2.00
4.00
(.157)
Also available with bushing Ø 22 (.866) : on request.
Illuminated
AV9SLD4
Non illuminated
AV9S0D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com