Electronic Components Datasheet Search
  English  ▼

X  

AV22LC402 Datasheet(PDF) 18 Page - APEM

Part # AV22LC402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV22LC402 Datasheet(HTML) 18 Page - APEM

Back Button AV22LC402 Datasheet HTML 12Page - APEM AV22LC402 Datasheet HTML 13Page - APEM AV22LC402 Datasheet HTML 14Page - APEM AV22LC402 Datasheet HTML 15Page - APEM AV22LC402 Datasheet HTML 16Page - APEM AV22LC402 Datasheet HTML 17Page - APEM AV22LC402 Datasheet HTML 18Page - APEM AV22LC402 Datasheet HTML 19Page - APEM AV22LC402 Datasheet HTML 20Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
APEM
www.apem.com
B-105
AV series
Snap-action security pushbutton switches
Options
B
Non-illuminated models
CODE
BUSHING
ACTUATOR
00 (std)
Nickel plated brass
Nickel plated brass
10
Nickel plated brass
Stainless steel
30
Chrome plated brass
Stainless steel
40
Stainless steel
Stainless steel
80
Varnished polished brass
Varnished polished brass
Illuminated models
CODE
BUSHING
ACTUATOR
00 (std)
Nickel plated brass
Nickel plated brass
20
Chrome plated brass
Chrome plated brass
40
Stainless steel
Stainless steel
45
Stainless steel
Nickel plated brass
80
Varnished polished brass
Varnished polished brass
Blank
No LED
1
: Blue - 3 : Green - 5 : Yellow - 6 : Red - 7 : White - 9 : Amber - 2 : Red/green
K
Front panel sealing (IP65)
1
2
➀ internal gasket
➁ external gasket
BUSHING
/ACTUATOR MATERIAL
LED COLOUR
For non-standard material, replace 00 with one of the following codes.
Series Bush./act.
config.
Case
style
Funct.
Illum.
or not
Contact
matl.
Term.
type
Bush./act.
material
Marking
LED
colour
Seal.
AV
For flat or curved actuator.
- by engraving on non-illuminated
brass actuator
(stainless steel on request).
- by hot stamping on thermoplastic
insert ( illuminated actuators)
COLOUR OF MARKING
CODE
COLOUR
Non-illuminated actuators
0
(standard) Same as finish
2
Black
Note : a finished product supplied in
version “0” cannot be modified to
version "2".
Illuminated actuators
2
Black (on white)
TYPE OF MARKING
CODE
TYPE
0 to 9
Numbers 0 to 9
X
Symbol *
Y
Symbol #
A to N
Letters A to N
P to W
Letters P to W
0
Letter O
Letter O : same code and same design as
number 0.
For special symbols, consult factory.
Minimum order : 500 pieces
(0.059)
1.50
Ø10.00
(0.393DIA)
(0.039)
1.00
MARKING
Select an option from each of the two tables below.
SEALING
Blank
No sealing
After selecting basic model no.,
fill in last 4 boxes
with desired options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com