Electronic Components Datasheet Search
  English  ▼

X  

21080 Datasheet(PDF) 11 Page - TESTEC Elektronik GmbH. All rights reserved.

Part # 21080
Description  Lieber Kunde,
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTEC [TESTEC Elektronik GmbH. All rights reserved.]
Direct Link  https://testec.de/
Logo TESTEC - TESTEC Elektronik GmbH. All rights reserved.

21080 Datasheet(HTML) 11 Page - TESTEC Elektronik GmbH. All rights reserved.

Back Button 21080 Datasheet HTML 7Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 8Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 9Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 10Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 11Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 12Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 13Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 14Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 15Page - TESTEC Elektronik GmbH. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Type
Bandwidth
Input Voltage Range
Attenuation Ratio
Accuracy
Input R & C
Common Mode
Differential
TT-SI 9001
25MHz
±700V
±70V / ±700V
1:10 / 1:100
±2%
4M //5,5pF
TT-SI 9002
25MHz
±1400V
±140V / ±1400V
1:20 / 1:200
±2%
4M //5,5pF
TT-SI 50
50MHz
±700V
±70V
1:10
±1%
1,6M //7pF
TT-SI 51
50MHz
±1400V
±700V
1:100
±1%
4M //7pF
TT-SI 52
50MHz
±1400V
±1400V
1:200
±1%
7M //7pF
TT-SI 9101
100MHz
±700V
±70V / ±700V
1:10 / 1:100
±2%
4M //7pF
TT-SI 9110
100MHz
±1400V
±140V / ±1400V
1:100 / 1:1000
±2%
4M //7pF
TT-SI 200
200MHz
±60V
±20V
1:10
±1%
500k //7pF
TT-SI 800
800MHz
±30V
±15V
1:10
±2%
100k //2pF
Technische Änderungen vorbehalten / All specifications and characteristics are subject to change without notice
Typ
Type
Bestellnr.
Order-no.
Bezeichnung
Description
TT-SI NT
15100
Netzteil
Mains Adapter
TT-SI RBP
15139
externes Batteriegehäsue
für TT-SI 50, 51, 52, 200
removeable Battery Pack
for TT-SI 50, 51, 52, 200
TT-SI PROBUS
15150
Stromversorgungsleitung
mit PROBUS-Stecker
Power Lead with PROBUS-Connector
TT-SI LEMO
15151
Stromversorgungsleitung
mit LEMO-Stecker
Power Lead with LEMO-Connector
TT-SI HC
15160
Kunststoffkoffer
Hardcase
TT-SI EPL
15140
Netzteil Splitter 1 in 3
1 to 3 Power Splitter
TT-SI G1
15103
Ersatzgrabber rot und schwarz
Grabber red and black
TT-SI G2
15104
Ersatzgrabber rot und schwarz
Grabber red and black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com