Electronic Components Datasheet Search
  English  ▼

X  

21080 Datasheet(PDF) 16 Page - TESTEC Elektronik GmbH. All rights reserved.

Part # 21080
Description  Lieber Kunde,
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTEC [TESTEC Elektronik GmbH. All rights reserved.]
Direct Link  https://testec.de/
Logo TESTEC - TESTEC Elektronik GmbH. All rights reserved.

21080 Datasheet(HTML) 16 Page - TESTEC Elektronik GmbH. All rights reserved.

Back Button 21080 Datasheet HTML 10Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 11Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 12Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 13Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 14Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 15Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 16Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 17Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 18Page - TESTEC Elektronik GmbH. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
TT-SI 800
Ordernumber
15137
Bandwidth
DC to 800MHz (-3dB)
Attenuation Ratio
1:10
Accuracy
±2%
Rise Time
<0,5ns
Input Impedance
100k
// 2pF each side to ground
Input Voltage
- Differential Range
- Common Mode Range
- Absolute max. Voltage CAT I
±15V (DC + peak AC or rms)
±30V (DC + peak AC or rms)
±40V (DC + peak AC or rms)
Output
- Swing
- Offset (typical)
- Noise (typical)
- Source Impedance (typical)
±1,5V (into 50
load)
<±5mV
0,9mVrms
50
CMRR (typical)
-60dB @ 60Hz, -15dB @ 500MHz
Power requirements: Mains Adaptor 12VDC/50mA
Dimensions: (L x W x H) 111mm x 22mm x 14mm
Length: BNC Cable 120cm
Weight: 130g
Type
Specifications
Technische Änderungen vorbehalten / All specifications and characteristics are subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com