Electronic Components Datasheet Search
  English  ▼

X  

21080 Datasheet(PDF) 3 Page - TESTEC Elektronik GmbH. All rights reserved.

Part # 21080
Description  Lieber Kunde,
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTEC [TESTEC Elektronik GmbH. All rights reserved.]
Direct Link  https://testec.de/
Logo TESTEC - TESTEC Elektronik GmbH. All rights reserved.

21080 Datasheet(HTML) 3 Page - TESTEC Elektronik GmbH. All rights reserved.

  21080 Datasheet HTML 1Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 2Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 3Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 4Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 5Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 6Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 7Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 8Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 9Page - TESTEC Elektronik GmbH. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Made in Germany by
Typ
Bestellnummer Teilungsfaktor
Eingangsimpedanz
Bandbreite
Anstiegszeit
Kabellänge
Kompensationsbereich
Type
Ordernumber
Attenuation
Loading Input
Bandwidth
Rise Time
Cable Length
Compensation Range
R(M )
C(pF)
(MHz)
(ns)
(m)
(pF)
TT-LF 112
10000
x1
*
45
25
14
1,2
-
TT-LF 116
10001
x1
*
56
22
16
1,6
-
TT-LF 120
10002
x1
*
67
20
18
2,0
-
Typ
Bestellnummer Teilungsfaktor
Eingangsimpedanz
Bandbreite
Anstiegszeit
Kabellänge
Kompensationsbereich
Type
Ordernumber
Attenuation
Loading Input
Bandwidth
Rise Time
Cable Length
Compensation Range
R(M )
C(pF)
(MHz)
(ns)
(m)
(pF)
TT-LF 212
10010
x10
10
14
150
2,3
1,2
10..60
TT-LF 216
10011
x10
10
15,5
130
2,7
1,6
10..60
TT-LF 220
10012
x10
10
16
100
3,5
2,0
10..60
Typ
Bestellnummer Teilungsfaktor
Eingangsimpedanz
Bandbreite
Anstiegszeit
Kabellänge
Kompensationsbereich
Type
Ordernumber
Attenuation
Loading Input
Bandwidth
Rise Time
Cable Length
Compensation Range
R(M )
C(pF)
(MHz)
(ns)
(m)
(pF)
TT-LF 312
10020
x1
*
47
15
24
1,2
-
x10
10
15,5
150
2,3
10..60
TT-LF 316
10021
x1
*
58
12
30
1,6
-
x10
10
16
130
2,7
10..60
TT-LF 320
10022
x1
*
69
10
40
2,0
-
x10
10
16,5
100
3,5
10..60
Max. Eingangsspannung 300V CAT II (600V CAT I), DC inkl. AC Spitze – abnehmend mit zunehmender Frequenz!
Max. Input Voltage 300V CAT II (600V CAT I), DC incl. Peak AC – derating with frequency!
Bei Teilerverhältnis 1:1 max. Eingangsspannung 150V CAT II (300V CAT I), DC inkl. AC Spitze – abnehmend mit zunehmender Frequenz!
Attenuation 1:1 max. Input Voltage 150V CAT II (300V CAT I), DC incl. Peak AC – derating with frequency!
* wie Oszilloskop / same as oscilloscope
Technische Änderungen vorbehalten / All specifications and characteristics are subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com