Electronic Components Datasheet Search
  English  ▼

X  

0830359 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0830359
Description  US-EMP (52,5X15) SR CUS - Snap-in markers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830359 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0830359 Datasheet HTML 1Page - PHOENIX CONTACT 0830359 Datasheet HTML 2Page - PHOENIX CONTACT 0830359 Datasheet HTML 3Page - PHOENIX CONTACT 0830359 Datasheet HTML 4Page - PHOENIX CONTACT 0830359 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
10 ... 25 °C / 35 ... 65 % relative humidity. Storage in a cool and
dry place is recommended.
Recommended ambient temperature (storage/transport)
10 °C ... 25 °C
Recommended humidity (storage/transport)
35 % ... 65 %
Shelf life
12 months (see packaging date)
Dimensions
Width
52.5 mm
Height
0.5 mm
Length
15 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
US-EMP (52,5X15) SR CUS - Snap-in markers
0830359
https://www.phoenixcontact.com/us/products/0830359
May 15, 2025, 7:48AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com