Electronic Components Datasheet Search
  English  ▼

X  

0830359 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830359
Description  US-EMP (52,5X15) SR CUS - Snap-in markers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830359 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830359 Datasheet HTML 1Page - PHOENIX CONTACT 0830359 Datasheet HTML 2Page - PHOENIX CONTACT 0830359 Datasheet HTML 3Page - PHOENIX CONTACT 0830359 Datasheet HTML 4Page - PHOENIX CONTACT 0830359 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled device marker
Marking
Number of individual labels
16
Number of individual labels per row
2
Identification technology
Thermal transfer for sheets and cards
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
10 ... 25 °C / 35 ... 65 % relative humidity. Storage in a cool and
dry place is recommended.
Recommended ambient temperature (storage/transport)
10 °C ... 25 °C
Recommended humidity (storage/transport)
35 % ... 65 %
Shelf life
12 months (see packaging date)
Mounting
Mounting type
snapped into marker carrier
Material specifications
RoHS compliant
yes
Foil strength
500 µm
Color
silver
Material
PVC
Flammability rating according to UL 94
V0
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
US-EMP (52,5X15) SR CUS - Snap-in markers
0830359
https://www.phoenixcontact.com/us/products/0830359
May 15, 2025, 7:48AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com