Electronic Components Datasheet Search
  English  ▼

X  

0830359 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830359
Description  US-EMP (52,5X15) SR CUS - Snap-in markers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830359 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830359 Datasheet HTML 1Page - PHOENIX CONTACT 0830359 Datasheet HTML 2Page - PHOENIX CONTACT 0830359 Datasheet HTML 3Page - PHOENIX CONTACT 0830359 Datasheet HTML 4Page - PHOENIX CONTACT 0830359 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Snap-in markers, can be ordered: by card, silver, labeled according to customer specifications,
mounting type: snapped into marker carrier, Number of individual labels: 16
Your advantages
All US-EMP ... device markers can also be supplied labeled according to customer requirements
•
Commercial data
Item number
0830359
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8149
Catalog page
Page 265 (C-5-2013)
GTIN
4046356715935
Weight per piece (including packing)
14.86 g
Weight per piece (excluding packing)
14.86 g
Country of origin
PL
US-EMP (52,5X15) SR CUS - Snap-in markers
0830359
https://www.phoenixcontact.com/us/products/0830359
May 15, 2025, 7:48AM
Page 1 (5)


Similar Part No. - 0830359

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830350 PHOENIX-0830350 Datasheet
183Kb / 5P
US-EMP (8,8X15) YE CUS - Snap-in markers
0830351 PHOENIX-0830351 Datasheet
181Kb / 5P
US-EMP (8,8X15) SR CUS - Snap-in markers
0830352 PHOENIX-0830352 Datasheet
182Kb / 5P
US-EMP (8,8X15) RD CUS - Snap-in markers
0830353 PHOENIX-0830353 Datasheet
181Kb / 5P
US-EMP (35X15) CUS - Snap-in markers
0830354 PHOENIX-0830354 Datasheet
182Kb / 5P
US-EMP (35X15) YE CUS - Snap-in markers
More results

Similar Description - 0830359

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830048 PHOENIX-0830048 Datasheet
51Kb / 3P
All US-EMP ... device markers can also be supplied labeled according to customer requirements
0825427 PHOENIX-0825427 Datasheet
53Kb / 2P
Snap-in markers - UC-EMP (27X8)
0825433 PHOENIX-0825433 Datasheet
55Kb / 3P
Snap-in markers - UC-EMP (27X12,5)
0825445 PHOENIX-0825445 Datasheet
56Kb / 3P
Snap-in markers - UC-EMP (27X18)
0825451 PHOENIX-0825451 Datasheet
52Kb / 2P
Snap-in markers - UC-EMP (27X27)
0827925 PHOENIX-0827925 Datasheet
52Kb / 3P
Snap-in markers - UC-EMP (27X18) RD
0830329 PHOENIX-0830329 Datasheet
49Kb / 3P
Markers for sticking on, screwing or riveting - US-EMLSP (28X10) SR
0825330 PHOENIX-0825330 Datasheet
70Kb / 5P
Snap-in markers - UC-EMP (60X15) YE
09/11/2020
1014118 PHOENIX-1014118 Datasheet
58Kb / 3P
Snap-in markers - UCT-EMP (29X8)
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com