Electronic Components Datasheet Search
  English  ▼

X  

GN325DSZ. Datasheet(PDF) 2 Page - Solid State Inc

Part # GN325DSZ.
Description  Current ratings of 25 and 50 amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

GN325DSZ. Datasheet(HTML) 2 Page - Solid State Inc

  GN325DSZ. Datasheet HTML 1Page - Solid State Inc GN325DSZ. Datasheet HTML 2Page - Solid State Inc GN325DSZ. Datasheet HTML 3Page - Solid State Inc GN325DSZ. Datasheet HTML 4Page - Solid State Inc GN325DSZ. Datasheet HTML 5Page - Solid State Inc GN325DSZ. Datasheet HTML 6Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INPUT SPECIFICATIONS (1)
Description
GN3xxDx
GN3xxEx
GN3xxBx
GN3xxAx
Input Voltage Range
4-32 VDC
18-36 VAC
90-140 VAC
180-280 VAC
Minimum Turn-On Voltage
4.0 VDC
18 Vrms
90 Vrms
180 Vrms
Drop out Voltage
1.0 VDC
10 Vrms
10 Vrms
10 Vrms
Maximum Input Current
35mA
20mArms
16mArms
16mArms
Minimum input current (for on-state)
24mA
15mArms
7mArms
7mArms
Input Resistance
Current Regulated
Turn-on time (6)
8.33ms
20ms
20ms
20ms
Turn-off time
8.33ms
30ms
30ms
30ms
Min/Max wire size [AWG]
24/14
Screw Torque Range [in lbs/Nm]
8-10 / 0.9-1.13
GENERAL SPECIFICATIONS
Description
Parameters
Ambient Operating Temperature Range (7)
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 100 °C
Input to output isolation
4000 Vrms
Input/output to ground isolation
2500 Vrms
Input to output capacitance
8 pF
Housing Material
UL 94V0 (self extinguishing)
Status Indicating Display
Green LED
Weight (typical)
0.79 lbs (360 g)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) For part numbers with snubber Hz range is 47-63 and line voltage is 48-530VAC
3) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
4) When mounted to the proper size heat sink (see derating curves)
5) Measured between 1/L1 and 2/T1 or 3/L2 and 4/T2 or 5/L3 and 6/T3
6) For DC control Random turn-on is 100µs while AC control is 20ms
7) Operating temperature range for 180-280VAC is -20 to +60°C
MECHANICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com