Electronic Components Datasheet Search
  English  ▼

X  

GN325DSZ. Datasheet(PDF) 1 Page - Solid State Inc

Part # GN325DSZ.
Description  Current ratings of 25 and 50 amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

GN325DSZ. Datasheet(HTML) 1 Page - Solid State Inc

  GN325DSZ. Datasheet HTML 1Page - Solid State Inc GN325DSZ. Datasheet HTML 2Page - Solid State Inc GN325DSZ. Datasheet HTML 3Page - Solid State Inc GN325DSZ. Datasheet HTML 4Page - Solid State Inc GN325DSZ. Datasheet HTML 5Page - Solid State Inc GN325DSZ. Datasheet HTML 6Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GNA3 Series
• Current ratings of 25 and 50 amps
• Output voltage 48-600 VAC
• Direct bond copper substrate
• LED input status indicator
• IP20 “touch-safe” cover
• Transient protection built-in
• 100K-Cycle UL508 endurance rating for enhanced reliability
• UL/CSA/TUV Approved, CE Compliant to EN60950-1
PRODUCT SELECTION
Control Voltage
25A
50A
4-32 VDC
GN325DLZ
GN350DLZ
18-36 VAC
GN325ELZ
GN350ELZ
90-140 VAC
GN325BLZ
GN350BLZ
180-280 VAC
GN325ALZ
GN350ALZ
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
25A
50A
Operating Voltage (47-440Hz) [Vrms] (2)
48-600
48-600
Transient Overvoltage [Vpk, t = 1 min.]
1200
1200
Static off-state dv/dt (Vµs, Ta =25°C) (3)
500
500
Maximum Load Current [Arms] (4)
25A
50A
Minimum Load Current [mArms]
100
100
Maximum Off-State Leakage Current [mArms] (5)
0.06
0.06
1 cycle surge current (50Hz)
275
710
1 cycle surge current (60Hz)
300
750
1 second surge current (Apk. Ta = 25°C) 50/60 Hz
85
150
Forward Voltage Drop (Vpk @ Imax, Ta = 25°C)
1.35
1.35
I²T (50Hz, 1/2 cycle)
380
2520
I²T (60Hz, 1/2 cycle)
370
2320
Thermal Resistance Junction to baseplate (Rjb) [°C/W]
0.24
0.12
HP Ratings at 120V / FLC
0.75 / 6.4A
1.5 / 12A
HP Ratings at 240V / FLC
1 / 4.2A
3 / 9.6A
HP Ratings at 480V / FLC
3 / 4.8A
7.5 / 11A
HP Ratings at 600V / FLC
5 / 6.1A
10 / 11A
Min/Max wire size [AWG]
16/8
16/8
Screw Torque Range [in lbs/Nm]
18-20 / 2.03-2.26
18-20 / 2.03-2.26


Similar Part No. - GN325DSZ.

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
GN325DSZ CRYDOM-GN325DSZ Datasheet
587Kb / 6P
GN3 Series
logo
Sensata Technologies, I...
GN325DSZ SENSATA-GN325DSZ Datasheet
320Kb / 5P
PANEL MOUNT SOLID STATE RELAYS
Rev:07/18/24
More results

Similar Description - GN325DSZ.

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
AA-0440-3 JMK-AA-0440-3 Datasheet
237Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-6 JMK-AA-0440-6 Datasheet
200Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-8 JMK-AA-0440-8 Datasheet
198Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-10 JMK-AA-0440-10 Datasheet
203Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
This filter series is available with current ratings of 3,6,8, and 10 amps
logo
Crydom Inc.,
DR24D06 CRYDOM-DR24D06 Datasheet
1Mb / 7P
Ratings of 6 & 12 Amps
logo
List of Unclassifed Man...
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
Current ratings 10, 20 and 30 amps
logo
Crydom Inc.,
DR06D12XR CRYDOM-DR06D12XR Datasheet
929Kb / 7P
Ratings of 6 & 12 Amps
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
Current ratings of 10, 20 and 30 amps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com