Electronic Components Datasheet Search
  English  ▼

X  

GN325DSZ. Datasheet(PDF) 4 Page - Solid State Inc

Part # GN325DSZ.
Description  Current ratings of 25 and 50 amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

GN325DSZ. Datasheet(HTML) 4 Page - Solid State Inc

  GN325DSZ. Datasheet HTML 1Page - Solid State Inc GN325DSZ. Datasheet HTML 2Page - Solid State Inc GN325DSZ. Datasheet HTML 3Page - Solid State Inc GN325DSZ. Datasheet HTML 4Page - Solid State Inc GN325DSZ. Datasheet HTML 5Page - Solid State Inc GN325DSZ. Datasheet HTML 6Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AGENCY APPROVALS
Designed in accordance with the requirements of IEC 62314
EN60950 : Meets the requirements of sections1.5: 1,7: 2.9: 2.10.5.3: 4.2: 4.5: 4.7:
IEC 62314
IEC 60068-2-6 35mm / 10-55Hz
IEC 60068-2-27 15G / 11ms
IEC 1000-4-2 : Electrostatic Discharge – Level 3
IEC 1000-4-3 : Radiated Electromagnetic Noise – Level 3
IEC 1000-4-4 : Electrically Fast Transients – Level 3
IEC 1000-4-5 : Electrical Surges – Level 3
IEC 1000-4-6 : Conducted Electromagnetic Noise – Level 3
CISPIR 11 –
Class A: Allowable Levels of Conducted and Radiated Noise for Industrial Environments
E79183,
LR38595
Rev. 041913



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com