Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M0 Datasheet(PDF) 2 Page - Arm Limited (or its affiliates).

Part # CORTEX-M0
Description  Arm Cortex-M0 Processor Datasheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M0 Datasheet(HTML) 2 Page - Arm Limited (or its affiliates).

  CORTEX-M0 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 7Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Processor features
The Armv6-M Thumb® instruction set with Thumb-2 technology
Optionally, an Armv6-M compliant 24-bit SysTick timer
A 32-bit hardware multiplier. This can be the standard single-cycle
multiplier, or a 32-cycle multiplier that has a lower area and
performance implementation
Support for either little-endian or byte invariant big-endian data accesses
The ability to have deterministic, fixed-latency, interrupt handling
Load/store-multiples and multicycle-multiplies that can be abandoned
and restarted to facilitate rapid interrupt handling
Armv6-M C Application Binary Interface (C-ABI) compliant exception model
enabling the use of pure C functions as interrupt handlers
Low power sleep-mode entry using WFI and WFE instructions, or the return
from interrupt sleep-on-exit feature
Block Diagram
Figure 2: Cortex-M0
processor components



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com