Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M0 Datasheet(PDF) 3 Page - Arm Limited (or its affiliates).

Part # CORTEX-M0
Description  Arm Cortex-M0 Processor Datasheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M0 Datasheet(HTML) 3 Page - Arm Limited (or its affiliates).

  CORTEX-M0 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M0 Datasheet HTML 7Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Cortex-M0+ Components
NVIC features
1, 2, 4, 8, 16, 24, or 32 external interrupt inputs, each with four levels
of priority
Dedicated NMI input
Support for both level-sensitive and pulse-sensitive interrupt lines
Optional WIC providing ultra-low power sleep mode support
Optional debug support
Zero to four hardware breakpoints
Zero to two watchpoints
Program Counter Sampling Register (PCSR) for non-intrusive code profiling,
if at least one hardware data watchpoint is implemented
Single step and vector catch capabilities
Support for unlimited software breakpoints using BKPT instruction
Non-intrusive access to core peripherals and zero-wait state system slaves
through a compact bus matrix. A debugger can access these devices, including
memory, even when the processor is running
Full access to core registers when the processor is halted
Optional, low gate-count CoreSight compliant debug access through a Debug
Access Port (DAP) supporting either Serial Wire or JTAG debug connections
Bus interfaces
Single 32-bit AMBA-3 AHB-Lite system interface that provides simple
integration to all system peripherals and memory
Single 32-bit slave port that supports the DAP
Interfaces
AHB-Lite interface
Transactions on the AHB-Lite interface are always marked as non-sequential.
Processor accesses and debug accesses share the external interface to external
AHB peripherals. The processor accesses take priority over debug accesses.
Any vendor specific components can populate this bus.
Debug Access Port
The processor has a low gate count DAP. This provides a Serial Wire or JTAG
debug port and connects to the processor slave port to provide full system-level
debug access.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com